Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G304ATR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PO74G304ATR
Description  700MHz TTL/CMOS Potato Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G304ATR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PO74G304ATR Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G304ATR Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G304ATR Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G304ATR Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G304ATR Datasheet HTML 5Page - List of Unclassifed Manufacturers PO74G304ATR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -12mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.4
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
5.5
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = 5.5V
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-50
uA
-
-
50
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to +5.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
07/31/06
3.3V 1:4 CMOS Clock Buffered Driver
Copyright © 2005-2006, Potato Semiconductor Corporation
2
PO74G304A
700MHz TTL/CMOS Potato Chip


Similar Part No. - PO74G304ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G304ATR POTATO-PO74G304ATR Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
More results

Similar Description - PO74G304ATR

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G2308A POMONA-PO74G2308A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
PO49FCT32803G POMONA-PO49FCT32803G_14 Datasheet
1Mb / 6P
   500MHz TTL/CMOS Potato Chip
PO49FCT32805G POMONA-PO49FCT32805G_14 Datasheet
1Mb / 6P
   600MHz TTL/CMOS Potato Chip
PO49FCT3805B POMONA-PO49FCT3805B_14 Datasheet
1Mb / 6P
   800MHz TTL/CMOS Potato Chip
PO49FCT3804A POMONA-PO49FCT3804A_14 Datasheet
1Mb / 5P
   800MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com