Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEC2819 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VEC2819
Description  MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2819 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VEC2819 Datasheet HTML 1Page - Sanyo Semicon Device VEC2819 Datasheet HTML 2Page - Sanyo Semicon Device VEC2819 Datasheet HTML 3Page - Sanyo Semicon Device VEC2819 Datasheet HTML 4Page - Sanyo Semicon Device VEC2819 Datasheet HTML 5Page - Sanyo Semicon Device VEC2819 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VEC2819
No. A0536-3/6
Switching Time Test Circuit
trr Test Circuit
[MOSFET]
[SBD]
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --2A
RL=5Ω
VDD= --10V
VOUT
VEC2819
VIN
0V
--4.5V
VIN
Duty≤10%
50Ω
100Ω
10Ω
--5V
trr
10µs
0
0
--0.5
--1.0
--2.0
--2.5
--3.0
--3.5
--4.0
--0.2
--1.5
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
0
--0.4
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
ID -- VDS
0
--1
--3
--4
--2
--5
--6
--7
ID -- VGS
IT11954
IT06417
VDS= --10V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
20
40
60
160
100
80
140
120
RDS(on) -- VGS
IT11827
--2
--1
--4
--6
--8
--10
0--3
--5
--7
--9
Gate-to-Source Voltage, VGS -- V
IT11828
RDS(on) -- Tc
Case Temperature, Tc --
°C
[MOSFET]
[MOSFET]
[MOSFET]
[MOSFET]
ID= --0.3A
--2.0A
Ta=25
°C
VGS= --1.5V
--2.0V
--1.8V
--60
20
--40
--20
0
20
60
40
80
100
140
120
160
40
100
120
140
80
60
160
ID=
--2.0
A, VGS
= --4.5V
I D
= --1.0
A, V
GS
= --
2.5V
ID=
--0.3
A, VGS
= --
1.8V


Similar Part No. - VEC2819

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2811 SANYO-VEC2811 Datasheet
49Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2812 SANYO-VEC2812 Datasheet
53Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2813 SANYO-VEC2813 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2814 SANYO-VEC2814 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2815 SANYO-VEC2815 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
More results

Similar Description - VEC2819

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2811 SANYO-VEC2811 Datasheet
49Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2818 SANYO-VEC2818 Datasheet
64Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2822 SANYO-SCH2822 Datasheet
67Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2830 SANYO-SCH2830 Datasheet
68Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2811 SANYO-SCH2811 Datasheet
55Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5835 SANYO-CPH5835_07 Datasheet
51Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5846 SANYO-CPH5846 Datasheet
54Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5857 SANYO-CPH5857 Datasheet
72Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
FW507 SANYO-FW507 Datasheet
50Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com