Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEC2820 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VEC2820
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VEC2820 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VEC2820 Datasheet HTML 1Page - Sanyo Semicon Device VEC2820 Datasheet HTML 2Page - Sanyo Semicon Device VEC2820 Datasheet HTML 3Page - Sanyo Semicon Device VEC2820 Datasheet HTML 4Page - Sanyo Semicon Device VEC2820 Datasheet HTML 5Page - Sanyo Semicon Device VEC2820 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VEC2820
No. A0849-3/6
Package Dimensions
Electrical Connection
unit : mm (typ)
7012-005
Switching Time Test Circuit
trr Test Circuit
[MOSFET]
[SBD]
2.9
0.65
0.3
123
4
87
6 5
0.15
1 : Anode
2 : No Contact
3 : Drain
4 : Drain
5 : Source
6 : Gate
7 : Cathode
8 : Cathode
SANYO : VEC8
87
6
5
123
4
1 : Anode
2 : No Contact
3 : Drain
4 : Drain
5 : Source
6 : Gate
7 : Cathode
8 : Cathode
Top view
Duty≤10%
50Ω
100Ω
10Ω
--5V
trr
10µs
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID=1.5A
RL=6.67Ω
VDD=10V
VOUT
VEC2820
VIN
4V
0V
VIN
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
[MOSFET]
[MOSFET]
0
1
2
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IT10933
IT10934
VDS=10V
VGS=1.0V


Similar Part No. - VEC2820

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
   General-Purpose Switching Device Applications
More results

Similar Description - VEC2820

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5856 SANYO-CPH5856 Datasheet
71Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5826 SANYO-CPH5826 Datasheet
50Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5863 SANYO-CPH5863 Datasheet
65Kb / 5P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2808 SANYO-SCH2808 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2816 SANYO-SCH2816_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2819 SANYO-SCH2819 Datasheet
48Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
VEC2814 SANYO-VEC2814 Datasheet
54Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5847 SANYO-CPH5847 Datasheet
49Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2817 SANYO-SCH2817_07 Datasheet
50Kb / 6P
   MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com