Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA08-12EWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # PSA08-12EWA
Description  20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSA08-12EWA Datasheet(HTML) 1 Page - Kingbright Corporation

  PSA08-12EWA Datasheet HTML 1Page - Kingbright Corporation PSA08-12EWA Datasheet HTML 2Page - Kingbright Corporation PSA08-12EWA Datasheet HTML 3Page - Kingbright Corporation PSA08-12EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAC1576
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000044
20.32mm (0.8INCH) 16 SEGMENT SINGLE
DIGIT ALPHANUMERIC DISPLAY
Part Number: PSA08-12EWA
High Efficiency Red
Features
0.8 INCH CHARACTER HEIGHT.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMMON CATHODE AND COMMON ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - PSA08-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA08-12GWA KINGBRIGHT-PSA08-12GWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA08-12SRWA KINGBRIGHT-PSA08-12SRWA Datasheet
150Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA08-12YWA KINGBRIGHT-PSA08-12YWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - PSA08-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC08-12EWA KINGBRIGHT-PSC08-12EWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC08-12GWA KINGBRIGHT-PSC08-12GWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA08-12GWA KINGBRIGHT-PSA08-12GWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC08-11SRWA KINGBRIGHT-PSC08-11SRWA Datasheet
151Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA08-11GWA KINGBRIGHT-PSA08-11GWA Datasheet
151Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA08-12YWA KINGBRIGHT-PSA08-12YWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC08-11YWA KINGBRIGHT-PSC08-11YWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC08-12SRWA KINGBRIGHT-PSC08-12SRWA Datasheet
150Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC08-12YWA KINGBRIGHT-PSC08-12YWA Datasheet
152Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA08-12SRWA KINGBRIGHT-PSA08-12SRWA Datasheet
150Kb / 4P
   20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com