Electronic Components Datasheet Search |
|
PQ1CY1032ZP Datasheet(PDF) 1 Page - Sharp Corporation |
|
PQ1CY1032ZP Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 9 page PQ1CY1032Z PQ1CY1032Z s Absolute Maximum Ratings s Outline Dimensions (Unit : mm) Parameter Symbol Rating Unit Input voltage 40 V 3.5 A 35 7 41 −1 V V V W V −0.3 to +40 Switching current 150 ˚C −20 to +85 ˚C Junction temperature Input-output voltage Output to COM voltage Error input voltage VIN VI-O VOUT Vsoft terminal voltage Vsoft VADJ ISW Tj (Ta =25°C) Operating temperature Storage temperature Soldering temperature Topr −40 to +150 ˚C Tstg 260 ˚C Tsol *2 *3 *1 *5 *6 Power dissipation PD *4 *1 Voltage between VIN terminal and COM terminal *2 Voltage between VOUT terminal and COM terminal *3 Voltage between VSOFT terminal and COM terminal *4 PD:With infinite heat sink *5 Over heat protection may operate at the condition Tj=125˚C to 150˚C *6 For 10s 1. LCD monitors 2. Car navigation systems 3. Switching power supplies s Features s Applications TO-263 Surface Mount Type Chopper Regulator 1. Maximum switching current:3.5A 2. Built-in ON/OFF control function 3. Built-in soft start function to suppress overshoot of output voltage in power on sequence or ON/OFF control sequence 4. Built-in oscillation circuit (Oscillation frequency:TYP. 150kHz) 5. Built-in overheat protection function 6. Built-in overcurrent shut-down function 7. TO-263 package 8. PQ1CY1032ZZ:Sleeve-packaged product PQ1CY1032ZP:Tape-packaged product 9. Variable output voltage (Output variable range:Vref to 35V/ −Vref to −30V) [Possible to select step-down output/inversing output Notice In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/ COM (Common to heat sink) VOUT VIN Vsoft Oadj (0 to 0.25) 1CY1032Z 10.6 MAX. ±2 3.28± 0.5 (0.6) (0.6) (0.6) (0.45) (0.45) 1.05+ 0.2 −0.1 1.05+ 0.2 −0.1 3 −0.9+0.2 −0.1 4 −(1.7) Epoxy resin (0.6) 3.5± 0.5 ❈ ( ) : Typical dimensions 1 1 2 3 4 5 5 4 3 2 |
Similar Part No. - PQ1CY1032ZP |
|
Similar Description - PQ1CY1032ZP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |