Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21869-AP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21869-AP
Description  600V/50A CSTBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21869-AP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button PS21869-AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21869-AP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21869-P/AP
TRANSFER-MOLD TYPE
INSULATED TYPE
Jul. 2005
Fig. 4 CURRENT OUTPUT WHEN INPUT SIGNAL IS LESS THAN ALLOWABLE MINIMUM INPUT PULSE WITH PWIN(off) (P-side only)
DIP-IPM
UOUT
VOUT
WOUT
VNO
CFO
GND
Fo
WN
VN
UN
VCC
HVIC3
HVIC2
HVIC1
LVIC
CFO
CIN
CIN
N
W
V
U
P
HO
IN
COM
VB
VS
VCC
HO
IN
COM
VB
VS
VCC
HO
IN
COM
VB
VS
VCC
Fo
WN
VN
UN
WP
VP
UP
VNC
VN1
VP1
VP1
VP1
VWFS
VVFS
VUFS
VWFB
VVFB
VUFB
IGBT1
IGBT2
IGBT3
IGBT4
IGBT5
IGBT6
Di1
Di2
Di3
Di4
Di5
Di6
VPC
Fig. 5 THE DIP-IPM INTERNAL CIRCUIT
t1
t2
Real line ... off pulse width > PWIN(off) : turn on time t1
Broken line ... off pulse width < PWIN(off) : turn on time t2
P-side control input
Internal IGBT gate
Output current Ic


Similar Part No. - PS21869-AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21869-A MITSUBISHI-PS21869-A Datasheet
126Kb / 9P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21869-AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
130Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-T MITSUBISHI-PS21965-T Datasheet
183Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-EST MITSUBISHI-PS21963-EST Datasheet
134Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-ET MITSUBISHI-PS21963-ET Datasheet
183Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
130Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-4 MITSUBISHI-PS21965-4 Datasheet
179Kb / 10P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4E MITSUBISHI-PS21963-4E Datasheet
179Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21965-ST MITSUBISHI-PS21965-ST Datasheet
134Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com