Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDT60C Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # BDT60C
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDT60C Datasheet(HTML) 3 Page - Power Innovations Ltd

  BDT60C Datasheet HTML 1Page - Power Innovations Ltd BDT60C Datasheet HTML 2Page - Power Innovations Ltd BDT60C Datasheet HTML 3Page - Power Innovations Ltd BDT60C Datasheet HTML 4Page - Power Innovations Ltd BDT60C Datasheet HTML 5Page - Power Innovations Ltd BDT60C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AUGUST 1993 - REVISED MARCH 1997
BDT60, BDT60A, BDT60B, BDT60C
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-5·0
-1·0
20000
100
1000
10000
TCS115AD
T
C = -40°C
T
C =
25°C
T
C = 100°C
V
CE =
-3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-5·0
-1·0
-2·0
-1·5
-1·0
-0·5
0
TCS115AB
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
T
C = -40°C
T
C =
25°C
T
C = 100°C
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-5·0
-1·0
-3·0
-2·5
-2·0
-1·5
-1·0
-0·5
TCS115AC
T
C = -40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Similar Part No. - BDT60C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BDT60C TRSYS-BDT60C Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDT60C BOURNS-BDT60C Datasheet
119Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDT60C NJSEMI-BDT60C Datasheet
212Kb / 2P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDT60C ISC-BDT60C Datasheet
199Kb / 2P
   Complement to Type BDT61/A/B/C
BDT60CF ISC-BDT60CF Datasheet
113Kb / 2P
   isc Silicon PNP Darlington Power Transistors
More results

Similar Description - BDT60C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com