Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21963-ST Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21963-ST
Description  600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-ST Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21963-ST Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-ST Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-ST
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2007
4
Note 8: Flatness measurement position
+–
+
Heat sink side
Heat sink side
4.6mm
DIP-IPM
Measurement position
Mounting screw : M3
(Note 7)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
–50
Unit
10
0.78
100
N·m
g
µm
Recommended : 0.69 N·m
(Note 8)
V
V
V
V/µs
µs
kHz
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Applied between P-NU, NV, NW
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
For each input signal, TC ≤ 100°C
TC ≤ 100°C, Tj ≤ 125°C
400
16.5
18.5
1
20
VCC
VD
VDB
∆VD, ∆VDB
tdead
fPWM
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0
13.5
13.0
–1
1.5
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
Note 9 : The allowable r.m.s. current value depends on the actual application conditions.
10 : IPM might not make response if the input signal pulse width is less than the recommended minimum value.
Note 7 : Plain washers (ISO 7089~7094) are recommended.
IO
PWIN(on)
PWIN(off)
VNC
Allowable r.m.s. current
Allowable minimum input
pulse width
VNC variation
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal PWM,
Tj ≤ 125°C, TC ≤ 100°C
(Note 9)
(Note 10)
Between VNC-NU, NV, NW (including surge)
Arms
µs
V
0.5
0.5
–5.0
5.0
fPWM = 5kHz
fPWM = 15kHz
5.0
3.0


Similar Part No. - PS21963-ST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-ST MITSUBISHI-PS21963-ST Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-ST MITSUBISHI-PS21963-ST_09 Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21963-ST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-S MITSUBISHI-PS21963-S Datasheet
92Kb / 8P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-T MITSUBISHI-PS21963-T Datasheet
183Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4S MITSUBISHI-PS21963-4S Datasheet
130Kb / 8P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21963-A MITSUBISHI-PS21963-A Datasheet
131Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com