Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21964-4W Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # PS21964-4W
Description  600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21964-4W Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button PS21964-4W Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21964-4W Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21964-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
9
MCU
10k
UP,VP,WP,UN,VN,WN
VNC(Logic)
Fo
DIP-IPM
5V line
3.3k
Ω (min)
Error output Fo
Output current Ic
Control supply voltage VDB
Protection circuit state
Control input
c6
c1
c2
c4
c5
c3
RESET
UVDBt
UVDBr
SET
RESET
High-level (no fault output)
[C] Under-Voltage Protection (Upper-side, UVDB)
c1. Control supply voltage rising : After the voltage level reaches UVDBr, the circuits start to operate when next input is applied.
c2. Normal operation : IGBT ON and carrying current.
c3. Under voltage trip (UVDBt).
c4. IGBT OFF in spite of control input signal level, but there is no FO signal outputs.
c5. Under voltage reset (UVDBr).
c6. Normal operation : IGBT ON and carrying current.
Fig. 9 RECOMMENDED MCU I/O INTERFACE CIRCUIT
Note : The setting of RC coupling at each input (parts shown dotted) depends on the PWM control scheme and the
wiring impedance of the printed circuit board.
The DIP-IPM input section integrates a 3.3k
Ω (min) pull-down resistor. Therefore, when using an external
filtering resistor, pay attention to the turn-on threshold voltage.
Fig. 10 WIRING CONNECTION OF SHUNT RESISTOR
N
DIP-IPM
Wiring inductance should be less than 10nH.
Shunt resistor
Equivalent to the inductance of a copper
pattern in dimension of width=3mm,
thickness=100
µm, length=17mm
Please make the GND wiring connection
of shunt resistor to the VNC terminal
as close as possible.
VNC


Similar Part No. - PS21964-4W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-4S MITSUBISHI-PS21964-4S Datasheet
130Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21964-4W

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-T MITSUBISHI-PS21964-T Datasheet
183Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4S MITSUBISHI-PS21964-4S Datasheet
130Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-S MITSUBISHI-PS21964-S Datasheet
92Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-A MITSUBISHI-PS21964-A Datasheet
131Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com