Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21964-S Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21964-S
Description  600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21964-S Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PS21964-S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21964-S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21964-S
TRANSFER-MOLD TYPE
INSULATED TYPE
Jun. 2005
Error output Fo
Output current Ic
Control supply voltage VD
Protection circuit state
Control input
b1
b2
b3
b4
b5
RESET
RESET
UVDt
UVDr
SET
b6
b7
Protection circuit state
Lower-arms control
input
Error output Fo
Sense voltage of the
shunt resistor
Output current Ic
Internal IGBT gate
SC reference voltage
CR circuit time
constant DELAY
a5
a8
a4
a3
a1
a2
SC
RESET
SET
a7
a6
Fig. 3 TIMING CHART OF THE DIP-IPM PROTECTIVE FUNCTIONS
[A] Short-Circuit Protection (Lower-arms only with the external shunt resistor and CR filter)
a1. Normal operation : IGBT ON and carrying current.
a2. Short circuit detection (SC trigger).
a3. IGBT gate hard interruption.
a4. IGBT turns OFF.
a5. FO output (tFO(min) = 20
µs).
a6. Input “L” : IGBT OFF.
a7. Input “H” : IGBT ON.
a8. IGBT OFF in spite of input “H”.
[B] Under-Voltage Protection (Lower-arm, UVD)
b1. Control supply voltage rises : After the voltage level reaches UVDr, the circuits start to operate when next input is applied.
b2. Normal operation : IGBT ON and carrying current.
b3. Under voltage trip (UVDt).
b4. IGBT OFF in spite of control input condition.
b5. FO output (tFO
≥ 20µs and FO output continuously during UV period).
b6. Under voltage reset (UVDr).
b7. Normal operation : IGBT ON and carrying current.


Similar Part No. - PS21964-S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21964-ST MITSUBISHI-PS21964-ST_09 Datasheet
131Kb / 8P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21964-S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21964-ST MITSUBISHI-PS21964-ST Datasheet
134Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4 MITSUBISHI-PS21964-4 Datasheet
179Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-T MITSUBISHI-PS21964-T Datasheet
183Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-4S MITSUBISHI-PS21964-4S Datasheet
130Kb / 8P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21964-A MITSUBISHI-PS21964-A Datasheet
131Kb / 10P
   600V/15A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-S MITSUBISHI-PS21962-S Datasheet
92Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-4 MITSUBISHI-PS21962-4 Datasheet
179Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21962-ST MITSUBISHI-PS21962-ST_09 Datasheet
131Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion.
PS21962-T MITSUBISHI-PS21962-T_09 Datasheet
185Kb / 10P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com