Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB48502 Datasheet(PDF) 3 Page - Texas Instruments

Part # PTB48502
Description  DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB48502 Datasheet(HTML) 3 Page - Texas Instruments

  PTB48502 Datasheet HTML 1Page - Texas Instruments PTB48502 Datasheet HTML 2Page - Texas Instruments PTB48502 Datasheet HTML 3Page - Texas Instruments PTB48502 Datasheet HTML 4Page - Texas Instruments PTB48502 Datasheet HTML 5Page - Texas Instruments PTB48502 Datasheet HTML 6Page - Texas Instruments PTB48502 Datasheet HTML 7Page - Texas Instruments PTB48502 Datasheet HTML 8Page - Texas Instruments PTB48502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (PTB48500A)
PTB48500
PTB48501
PTB48502
SLTS218C – SEPTEMBER 2003 – REVISED AUGUST 2006
(Unless otherwise stated, T
A = 25°C, VI = 48 V, CI = 0 µF, CO = 0 µF, and IO = 50% Iomax)
PTB48500A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Po1, Po2
Output Power
Vo1 (3.3 V)
19.8
W
Vo2 (1.2 V)
8.4
Po total
Both outputs
28
W
Io1, Io2
Output Current
Over VI range
Vo1 (3.3 V)
0
6(1)
A
Vo2 (1.2 V)
0
7(1)
Io1 + Io2
Total (both outputs)
0
13
A
Vo1
Output Voltage
3.2
3.3
3.4
Includes set point, line, load, –40
°C ≤ T
A ≤ 85°C
V
Vo2
1.16
1.2
1.24
Vo1
±0.5
∆Reg
temp
Temperature Variation
–40
°C ≤ T
A ≤ 85°C, IO = IO min
%VO
Vo2
±0.8
∆Reg
line
Line Regulation
Over VI range
Vo1, Vo2
±1
±10
mV
∆Reg
load
Load Regulation
Over IO range
Vo1, Vo2
±3
±12
mV
IO min ≤ Io2≤ Iomax, Io1 = 1 A
∆Vo
1
10
∆Reg
cross
Cross Regulation
mV
IO min ≤ Io1≤ Iomax, Io2 = 1 A
∆Vo
2
10
η
Efficiency
Io1, Io2 = Iomax
82%
Vo1
20
50
Vr
VO Ripple (pk-pk)
20 MHz bandwidth
mVpp
Vo2
20
50
ttr
1 A/
µs load step, 50% to 100% I
omax
30
µs
Transient Response
∆V
tr
Vo1, Vo2 over/undershoot
±2.0
%VO
Iotrip
Over Current Threshold
VI = 36 V, reset followed by auto-recovery
Io1 + Io2
13.5
16
A
Output Voltage Adjust
Vadj
Vo2 only
–10
20
%Vo
Range
f S
Switching Frequency
Over VI and IO ranges
500
550
600
kHz
VI on
VI increasing
34
Under-Voltage Lockout
V
VI off
VI decreasing
32
On/Off Enable (pin 3)
Referenced to –VI (pin 5)
VIH
Input High Voltage
3.6
75 (2)
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–1
mA
II standby
Standby Input Current
Pins 3 and 5 connected
2
mA
CI
Internal Input Capacitance
2
µF
Co1
0(3)
5000
External Output
µF
Capacitance
Co2
0(3)
5000
Per Telcordia SR-332 50% stress, TA = 40°C,
MTBF
Reliability
1.5
106 Hrs
ground benign
(1)
See Safe Operating Area curves or contact the factory for the appropriate derating.
(2)
The On/Off Enable (pin 3) has an internal pull-up and may be controlled with an open-collector (or open-drain) transistor. The input is
diode protected and may be connected to +VI. The maximum open-circuit voltage is 7 V. If it is left open circuit the converter will operate
when input power is applied.
(3)
An output capacitor is not required.
3
Submit Documentation Feedback


Similar Part No. - PTB48502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48502 TI-PTB48502 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48502 TI1-PTB48502 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48502 TI1-PTB48502 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48502A TI1-PTB48502A Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48502AAH TI1-PTB48502AAH Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com