Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMR1 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # QMR1
Description  QM Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR1 Datasheet(HTML) 5 Page - rfsolutions.ltd

  QMR1 Datasheet HTML 1Page - rfsolutions.ltd QMR1 Datasheet HTML 2Page - rfsolutions.ltd QMR1 Datasheet HTML 3Page - rfsolutions.ltd QMR1 Datasheet HTML 4Page - rfsolutions.ltd QMR1 Datasheet HTML 5Page - rfsolutions.ltd QMR1 Datasheet HTML 6Page - rfsolutions.ltd QMR1 Datasheet HTML 7Page - rfsolutions.ltd QMR1 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 5
QM Receiver Module
QMR1 / QMR2
Application Information
Antenna Design
The design and positioning of the antenna is as
crucial as the module performance itself in
achieving a good wireless system range.
The
following will assist the designer in maximising
system performance.
The antenna should be kept as far away from
sources of electrical interference as physically
possible.
If necessary, additional power line
decoupling capacitors should be placed close to
the module.
The antenna ‘hot end’ should be kept clear of any
objects, especially any metal as this can severely
restrict the efficiency of the antenna to receive
power. Any earth planes restricting the radiation
path to the antenna will also have the same effect.
Best range is achieved with either a straight piece
of wire, rod or PCB track @ ¼ wavelength
(15.5cm @ 433.92MHz). Further range may be
achieved if the ¼ wave antenna is placed
perpendicular in the middle of a solid earth plane
measuring at least 16cm radius. In this case, the
antenna should be connected to the module via
some 50 ohm characteristic impedance coax
RF
RF
Helical Antenna
Whip Antenna
34mm @ 433MHz
17 turns equally spaced
∅ = 5mm (inside)
15.5cm @ 433MHz
Figure 5: Antenna Configurations To Be Used
With The Modules
Receiver Data Output Buffer
The QMR1 receiver has a push-pull data output
drive limited to 20uA.
If drive problems are
experienced,
and
sometimes
they
exhibit
themselves in a poor system range, the following
simple
buffer
stage
should
be
incorporated
between
the
module
data
output
and
the
subsequent stage. This buffer is already present
on the QMR2 receiver.
U1
1K5
Data Out
Data From
Receiver
+5V
+5V
U1 = SOT23 Package
part number BU4581 (ROHM)
Figure 6: Receiver Data Output Buffer


Similar Part No. - QMR1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QMR110 QUALTEK-QMR110 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR120 QUALTEK-QMR120 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR130 QUALTEK-QMR130 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR140 QUALTEK-QMR140 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR150 QUALTEK-QMR150 Datasheet
617Kb / 1P
   MOLDED PARTS
More results

Similar Description - QMR1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
   QM Radio Transmitter Module
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
   RECEIVER MODULE
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
   Receiver Module
logo
Hirose Electric
QM10-14R-PR HIROSE-QM10-14R-PR Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
logo
Mitsubishi Electric Sem...
M65762FP MITSUBISHI-M65762FP Datasheet
137Kb / 28P
   QM-CODER(purpose of reducing)
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com