Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMR1-868 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # QMR1-868
Description  QM Receiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR1-868 Datasheet(HTML) 2 Page - rfsolutions.ltd

  QMR1-868 Datasheet HTML 1Page - rfsolutions.ltd QMR1-868 Datasheet HTML 2Page - rfsolutions.ltd QMR1-868 Datasheet HTML 3Page - rfsolutions.ltd QMR1-868 Datasheet HTML 4Page - rfsolutions.ltd QMR1-868 Datasheet HTML 5Page - rfsolutions.ltd QMR1-868 Datasheet HTML 6Page - rfsolutions.ltd QMR1-868 Datasheet HTML 7Page - rfsolutions.ltd QMR1-868 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 2
QM Receiver Module
QMR1 / QMR2
Absolute Maximum Ratings: Receiver
Operating temperature:
-10
°C to +55°C
Storage temperature:
-40
°C to +100°C
Supply Voltage
5V
Data input
10V
RF Input
±50V @ < 10MHz , +20dBm @ > 10MHz
Electrical Characteristics: Receiver
pin
min.
typ.
Max.
Units
Notes
DC LEVELS
Supply voltage
4.5
5
5.5
V
Supply current
2
4.8
mA
mA
QMR1
QMR2
Supply ripple
-
-
10
mVP-P
Data output high
4.0
V
Data output low
0.5
V
RF
RF sensitivity
-110
-112
dBm
dBm
QMR1
QMR2
IF Bandwidth
600
230
KHz
KHz
QMR1
QMR2
Initial frequency accuracy
±50
+/-30
KHz
KHz
QMR1
QMR2
Max R.F. input
20
20
dBm
dBm
QMR1
QMR2
E.M.C.
Spurious responses upto 1GHz
<60
dB
LO leakage, conducted
<60
dBm
LO leakage, radiated
<60
dBm
DYNAMIC TIMING
Power up with signal present
Power up to stable data
10
mS
Signal applied with supply on
Signal to stable data
6
mS
Time between data transitions
10
mS
Mark:space ratio
50
%
Bit rate
20
200
10000
4000
bps
bps
QMR1
QMR2


Similar Part No. - QMR1-868

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QMR110 QUALTEK-QMR110 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR120 QUALTEK-QMR120 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR130 QUALTEK-QMR130 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR140 QUALTEK-QMR140 Datasheet
617Kb / 1P
   MOLDED PARTS
QMR150 QUALTEK-QMR150 Datasheet
617Kb / 1P
   MOLDED PARTS
More results

Similar Description - QMR1-868

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
   QM Radio Transmitter Module
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
M65762FP RENESAS-M65762FP Datasheet
287Kb / 35P
   QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
   RECEIVER MODULE
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
   Receiver Module
logo
Hirose Electric
QM10-14R-PR HIROSE-QM10-14R-PR Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
logo
Mitsubishi Electric Sem...
M65762FP MITSUBISHI-M65762FP Datasheet
137Kb / 28P
   QM-CODER(purpose of reducing)
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com