Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2324DPL Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RC2324DPL
Description  Single Device Data/Fax Modem Data Pump
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC2324DPL Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RC2324DPL Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 9Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 10Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 11Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 12Page - List of Unclassifed Manufacturers RC2324DPL Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
RC96V24DP
1.0 Functional Description
Single Device Data/Modem Data Pump
1.2 Technical Specifications
D96V24DSA
1-7
1.2.7.1 Power and
Environmental
Requirements
The power requirements are specified in Table 1-4. The environmental
specifications are listed in Table 1-5.
Table 1-4. Modem Power Requirements
Voltage
Mode
Current (Typ)
@ 25°C
Current (Max)
@ 0°C
5VDC ±5%
Operating
60 mA
90 mA
Sleep
3 mA
4.5 mA
Note:
Input voltage ripple
0.1 volts peak-to-peak. The amplitude of any frequency
between 20 kHz and 150 kHz must be less than 500 microvolts peak.
Table 1-5. Modem Environmental Specifications
Parameter
Specification
Temperature
Operating
0º C to 70º C (32º F to 158º F)
Storage
-40º C to 80º C (-40º F to 176º F)
Relative Humidity
Up to 90% noncondensing, or a
wet bulb temperature up to 35º C,
whichever is less.
Altitude
-200 feet to +10,000 feet


Similar Part No. - RC2324DPL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RC2301 VBSEMI-RC2301 Datasheet
464Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - RC2324DPL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
List of Unclassifed Man...
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
   V.34 Data V.17 Fax, Modem Data Pump
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
   CDPD Wireless Modem Data Pump
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com