Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY73001 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY73001
Description  2 - 3500 MHz Direct Conversion Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73001 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY73001_06 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73001_06 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DATA SHEET • SKY73001 DIRECT CONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101907E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • March 15, 2006
7
S758
Component Placement
Top Layer
Bottom Layer
J1
J2
J3
J4
J5
J6
C1
T1
T2
T3
T5
T4
U1
C2
Figure 9. SKY73001 Evaluation Board Assembly Diagram
(2-2500 MHz)


Similar Part No. - SKY73001_06

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73001-11 SKYWORKS-SKY73001-11 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
More results

Similar Description - SKY73001_06

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73001 SKYWORKS-SKY73001 Datasheet
194Kb / 9P
   2 - 3500 MHz Direct Conversion Mixer
logo
Panasonic Semiconductor
AN6454SH PANASONIC-AN6454SH Datasheet
35Kb / 4P
   Pager Direct Conversion FSK Demodulator Mixer IC
logo
SYNERGY MICROWAVE CORPO...
SMD-3500 SYNERGY-SMD-3500 Datasheet
244Kb / 2P
   TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
logo
Tyco Electronics
ESMD-169 MACOM-ESMD-169 Datasheet
57Kb / 1P
   E-Series Surface Mount Mixer 1 - 3500 MHz
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
   Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
logo
M/A-COM Technology Solu...
MD-189 MA-COM-MD-189 Datasheet
91Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
Tyco Electronics
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com