Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV09A-4030U-A102 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTV09A-4030U-A102
Description  9 mm Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV09A-4030U-A102 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTV09A-4030U-A102 Datasheet HTML 1Page - Bourns Electronic Solutions PTV09A-4030U-A102 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PTV09 Series - 9 mm Potentiometer
Product Dimensions
PTV09A-2
(with shaft style U)
4.2
(.165)
0.3
(.012)
3.3
(.129)
7.1
(.279)
2 ± 0.15
(0.78 ± .006)
3.3 ± 0.5
(.129 ± .019)
5.0 ± 0.5
(.196 ± .019)
0.6
(.024)
2.4
(.094)
L
7.5
(.295)
0.8
(.031)
5.2
(.205)
3 PLCS.
6.5
(.255)
3.8
(.149)
0.8
(.031)
5.0
(.196)
7.8
(.307)
8.2
(.322)
8.8
(.346)
9.8
(.386)
2 PLCS.
RECOMMENDED PCB LAYOUT
1.8
+0.2
-0.0
(.070
)
+0.0007
-0.0
2 PLCS.
2.1
+0.2
-0.0
(.082
)
+0.0007
-0.0
3 PLCS.
1.0
+0.2
-0.0
(.039
)
+0.0007
-0.0
PTV09A-4
(with shaft style U)
3.8
(.149)
L
3.2
(.126)
7.5
(.295)
0.6
(.023)
9.8
(.385)
5.0
(.196)
10.6
(.417)
7.0
(.275)
5.0
(.196)
5.2
(.204)
6.8
(.267)
RECOMMENDED PCB LAYOUT
2 PLCS.
1.8
+0.2
-0.0
(.070
)
+0.0007
-0.0
2 PLCS.
2.1
+0.2
-0.0
(.082
)
+0.0007
-0.0
3 PLCS.
1.0
+0.2
-0.0
(.039
)
+0.0007
-0.0
Shaft Styles
S-Type
U-Type
L
T
24 TEETH
DIA.
40 TEETH
K
L
4.0
(.157)
DIA.
6.0
(.236)
DIMENSIONS ARE:
MM
(INCHES)
REV. 04/06
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
L
20
25
(.787)
(.984)
77
(.275)
(.275)
T
S-Type Shaft
L
15
(.591)
6
(.236)
20
(.787)
7
(.275)
30
(1.181)
7
(.275)
25
(.984)
7
(.275)
K
U-Type Shaft
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0


Similar Part No. - PTV09A-4030U-A102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09A-4030U-A204 BOURNS-PTV09A-4030U-A204 Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
More results

Similar Description - PTV09A-4030U-A102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
3309 BOURNS-3309_1 Datasheet
95Kb / 1P
   3309 - 9 mm Round Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com