Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77148 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77148
Description  SKY77148 PA Module for CDMA2000 (450-460 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77148 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77148 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77148 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103018B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 12, 2006
1
DATA SHEET
SKY77148 PA Module for CDMA2000 (450–460 MHz)
Applications
• Digital cellular (CDMA2000)
• Wireless Local Loop (WLL)
Features
• Low voltage positive bias
supply
- (3.2 V to 4.2 V)
• Good linearity
• High efficiency across wide
dynamic range
• Dual-mode operation
• 7-pin package
- 6 mm x 6 mm x 1.5 mm
• Power down control
• Low power state control
• CDMA2000
Skyworks offers lead
(Pb)-free "environmentally
friendly" packaging
that is RoHS compliant
(European Parliament
for the Restriction of
Hazardous Substances).
Description
The SKY77148 Power Amplifier Module (PAM) is a fully matched 7-pin surface mount module
developed for Code Division Multiple Access (CDMA2000) handset and Wireless Local Loop
applications. This small and efficient power amplifier packs full coverage of the 450–460 MHz
bandwidth into a single compact package. The device meets the stringent CDMA2000 linearity
requirements to and exceeding 29 dBm output power. A low current pin (VCONT) provides improved
efficiency for the low RF power range of operation.
The single Gallium Arsenide (GaAs) Microwave Monolithic Integrated Circuit (MMIC) contains all active
circuitry within the module, which includes on-board bias circuitry as well as input and interstage
matching circuits. Output match into a 50
load is realized off-chip within the module package to
optimize efficiency and power performance. This device is manufactured with Skyworks’ GaAs
Heterojunction Bipolar Transistor (HBT) process that provides for all positive voltage DC supply
operation while maintaining high efficiency and good linearity. Primary bias to the SKY77148 is
supplied directly from a three-cell Ni-Cd, a single-cell Li-Ion, or other suitable battery with a rated
output in the 3.2 to 4.2 volt range. Setting the voltage on the low current reference pin to zero volts
accomplishes power down. No external supply side switch is needed as typical “off” leakage is a few
microamperes with full primary voltage from the battery.
VCC1 (1)
VCC2 (5)
VREF (3)
RF IN (2)
(6) RF OUT
GND (7)
VCONT (4)
Driver
Stage Bias
Input Match
InterStage
Match
PA
Output Match
DA
Power
Stage Bias
103018_001
MMIC
MODULE
Figure 1. Functional Block Diagram


Similar Part No. - SKY77148

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77148-15 SKYWORKS-SKY77148-15 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
More results

Similar Description - SKY77148

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148 Datasheet
533Kb / 2P
   PA Module for CDMA2000 (450-460 MHz)
SKY77166 SKYWORKS-SKY77166 Datasheet
385Kb / 9P
   Power Amplifier Module for CDMA2000 (450-460 MHz)
SKY77192-14 SKYWORKS-SKY77192-14 Datasheet
82Kb / 2P
   Power Amplifier Module for CDMA2000
SKY65342-11 SKYWORKS-SKY65342-11 Datasheet
305Kb / 13P
   450-470 MHz Front-End Module
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
   PA Module for CDMA PCS (1850-1910 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77149 SKYWORKS-SKY77149_06 Datasheet
185Kb / 13P
   PA Module for CDMA / PCS (1850-1910 MHz)
CX77107 SKYWORKS-CX77107 Datasheet
297Kb / 14P
   PA Module for CDMA / PCS (1850-1910 MHz)
SKY77161 SKYWORKS-SKY77161 Datasheet
82Kb / 2P
   PA Module for TD-SCDMA (2010-2025 MHz)
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com