Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F413-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F413-GM
Description  2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
Download  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F413-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F413-GM Datasheet HTML 6Page - Silicon Laboratories C8051F413-GM Datasheet HTML 7Page - Silicon Laboratories C8051F413-GM Datasheet HTML 8Page - Silicon Laboratories C8051F413-GM Datasheet HTML 9Page - Silicon Laboratories C8051F413-GM Datasheet HTML 10Page - Silicon Laboratories C8051F413-GM Datasheet HTML 11Page - Silicon Laboratories C8051F413-GM Datasheet HTML 12Page - Silicon Laboratories C8051F413-GM Datasheet HTML 13Page - Silicon Laboratories C8051F413-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 270 page
background image
C8051F410/1/2/3
10
Rev. 1.0
Figure 9.3. Comparator Hysteresis Plot ................................................................... 85
10. CIP-51 Microcontroller
Figure 10.1. CIP-51 Block Diagram.......................................................................... 93
11. Memory Organization and SFRs
Figure 11.1. Memory Map ...................................................................................... 103
12. Interrupt Handler
13. Prefetch Engine
14. Cyclic Redundancy Check Unit (CRC0)
Figure 14.1. CRC0 Block Diagram ......................................................................... 121
Figure 14.2. Bit Reverse Register .......................................................................... 123
15. Reset Sources
Figure 15.1. Reset Sources.................................................................................... 127
Figure 15.2. Power-On and VDD Monitor Reset Timing ........................................ 128
16. Flash Memory
Figure 16.1. Flash Program Memory Map.............................................................. 137
17. External RAM
18. Port Input/Output
Figure 18.1. Port I/O Functional Block Diagram ..................................................... 147
Figure 18.2. Port I/O Cell Block Diagram ............................................................... 148
Figure 18.3. Crossbar Priority Decoder with No Pins Skipped ............................... 149
Figure 18.4. Crossbar Priority Decoder with Crystal Pins Skipped ........................ 150
Figure 18.5. Port 0 Input Overdrive Current Range................................................ 152
19. Oscillators
Figure 19.1. Oscillator Diagram.............................................................................. 165
Figure 19.2. 32.768 kHz External Crystal Example................................................ 169
Figure 19.3. Example Clock Multiplier Output ........................................................ 172
20. smaRTClock (Real Time Clock)
Figure 20.1. smaRTClock Block Diagram .............................................................. 177
21. SMBus
Figure 21.1. SMBus Block Diagram ....................................................................... 191
Figure 21.2. Typical SMBus Configuration ............................................................. 192
Figure 21.3. SMBus Transaction ............................................................................ 193
Figure 21.4. Typical SMBus SCL Generation......................................................... 196
Figure 21.5. Typical Master Transmitter Sequence................................................ 202
Figure 21.6. Typical Master Receiver Sequence.................................................... 202
Figure 21.7. Typical Slave Receiver Sequence...................................................... 203
Figure 21.8. Typical Slave Transmitter Sequence.................................................. 204
22. UART0
Figure 22.1. UART0 Block Diagram ....................................................................... 207
Figure 22.2. UART0 Baud Rate Logic .................................................................... 208
Figure 22.3. UART Interconnect Diagram .............................................................. 209
Figure 22.4. 8-Bit UART Timing Diagram............................................................... 209
Figure 22.5. 9-Bit UART Timing Diagram............................................................... 210
Figure 22.6. UART Multi-Processor Mode Interconnect Diagram .......................... 211


Similar Part No. - C8051F413-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F410 SILABS-C8051F410 Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
More results

Similar Description - C8051F413-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F007 SILABS-C8051F007 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F002 SILABS-C8051F002 Datasheet
165Kb / 2P
   20 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
logo
NXP Semiconductors
LPC2101 PHILIPS-LPC2101 Datasheet
160Kb / 32P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 01-18 January 2006
LPC2103FBD48.151 NXP-LPC2103FBD48.151 Datasheet
203Kb / 37P
   Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
Rev. 04-2 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com