Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051T600-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051T600-GM
Description  Mixed Signal OTP EPROM MCU Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051T600-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051T600-GM Datasheet HTML 1Page - Silicon Laboratories C8051T600-GM Datasheet HTML 2Page - Silicon Laboratories C8051T600-GM Datasheet HTML 3Page - Silicon Laboratories C8051T600-GM Datasheet HTML 4Page - Silicon Laboratories C8051T600-GM Datasheet HTML 5Page - Silicon Laboratories C8051T600-GM Datasheet HTML 6Page - Silicon Laboratories C8051T600-GM Datasheet HTML 7Page - Silicon Laboratories C8051T600-GM Datasheet HTML 8Page - Silicon Laboratories C8051T600-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
Mixed Signal OTP EPROM MCU Family
C8051T600/1/2/3/4/5
Rev. 0.5 2/07
Copyright © 2007 by Silicon Laboratories
C8051T60x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Peripherals
-
10-Bit Analog to Digital Converter
Up to 500 ksps
Up to 8 external inputs
VREF from external pin, VDD, or internal regulator
Built-in temperature sensor
External conversion start input option
-
Comparator
Programmable hysteresis and response time
Configurable as interrupt or reset source
Low current (
< 0.5 µA)
Memory
-
256 bytes internal data RAM
-
8, 4 or 2 kB one time programmable code memory
On-Chip Debug
-
C8051F300 can be used as in-system code devel-
opment platform; complete development kit avail-
able
-
On-chip debug circuitry facilitates full speed,
non-intrusive in-system debug
Supply Voltage 1.8 to 3.6 V
-
On-chip LDO regulator for core supply
-
Typical operating current: 5.0 mA @ 25 MHz
-
Typical stop mode current (regulator off): <0.1 µA
-
Built-in brown-out detector
High Speed 8051 µC Core
-
Pipe-lined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
25 MIPS peak throughput with 25 MHz clock
-
Expanded interrupt handler
Digital Peripherals
-
8 port I/O; All 5 V tolerant with high sink current
-
Hardware enhanced UART and SMBus™ serial
ports
-
Three general purpose 16-bit counter/timers
-
16-Bit programmable counter array (PCA) with three
capture/compare modules
8 or 16-bit PWM
Rising / falling edge capture
Frequency output
Software timer
Clock Sources
-
Internal oscillator: 24.5 MHz with ±2% accuracy
supports UART operation
-
External oscillator: RC, Single Capacitor, or CMOS
Clock Modes
-
Can switch between clock sources on-the-fly; useful
in power saving modes
Temperature Range: –40 to +85 °C
11-Pin QFN or 14-Pin SOIC Package
-
QFN Size = 3 x 3 mm
ANALOG
PERIPHERALS
2/4/8 kB
OTP EPROM
256 B SRAM
POR
DEBUG
CIRCUITRY
12
INTERRUPTS
8051 CPU
(25 MIPS)
DIGITAL I/O
CALIBRATED PRECISION INTERNAL
OSCILLATOR
HIGH-SPEED CONTROLLER CORE
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
VOLTAGE
COMPARATOR
+
-
WDT
10-bit
500 ksps
ADC
TEMP
SENSOR
A
M
U
X
C8051T600/2/4


Similar Part No. - C8051T600-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T600-GM SILABS-C8051T600-GM Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
More results

Similar Description - C8051T600-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051T630 SILABS-C8051T630 Datasheet
1Mb / 221P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_11 Datasheet
1Mb / 219P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T600 SILABS-C8051T600_09 Datasheet
902Kb / 188P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051F336 SILABS-C8051F336_08 Datasheet
1Mb / 227P
   Mixed-Signal Byte-Programmable EPROM MCU
C8051T610 SILABS-C8051T610_V01 Datasheet
4Mb / 218P
   Mixed-Signal Byte-Programmable EPROM MCU
Rev 1.1
C8051F330 SILABS-C8051F330_07 Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
C8051F120-GQR SILABS-C8051F120-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com