Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2200-GQ Datasheet(PDF) 7 Page - Silicon Laboratories

Part # CP2200-GQ
Description  SINGLE-CHIP ETHERNET CONTROLLER
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2200-GQ Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button CP2200-GQ Datasheet HTML 3Page - Silicon Laboratories CP2200-GQ Datasheet HTML 4Page - Silicon Laboratories CP2200-GQ Datasheet HTML 5Page - Silicon Laboratories CP2200-GQ Datasheet HTML 6Page - Silicon Laboratories CP2200-GQ Datasheet HTML 7Page - Silicon Laboratories CP2200-GQ Datasheet HTML 8Page - Silicon Laboratories CP2200-GQ Datasheet HTML 9Page - Silicon Laboratories CP2200-GQ Datasheet HTML 10Page - Silicon Laboratories CP2200-GQ Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
CP2200/1
Rev. 1.0
7
Figure 3. Typical Connection Diagram (Multiplexed)
CP2201
XTAL2
XTAL1
20 MHz
10 M
Ω
22 pF
22 pF
+3VD
0.1 uF
0.1 uF
0.1 uF
10 uF
MCU
CS
AD[7:0]
AD[7:0]
8
RD
RD
INT
INT
WR
WR
MOTEN
RST
4.7 k
Ω
+3VD
LA
LINK/ACTIVITY
Integrated RJ-45 Jack
GND
AGND
DGND2
DGND1
Optional
Chassis
Ground
ALE
ALE
TX+
TX–
TXP
TXN
TCT
RX+
RX–
RXP
RXN
RCT
8
Ω
0.001 uF
0.1 uF
0.1 uF
100
Ω
RJ-45
1
2
3
4
5
6
7
8
1:2.5
1:1
0.001 uF
8
Ω
Note: The CP220x should be placed within 1 inch of the transformer for optimal performance.


Similar Part No. - CP2200-GQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2200 ETC1-CP2200 Datasheet
272Kb / 3P
   TRANSHIELLD CP2000 SERIES
CP2200A ETC1-CP2200A Datasheet
272Kb / 3P
   TRANSHIELLD CP2000 SERIES
More results

Similar Description - CP2200-GQ

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
logo
Davicom Semiconductor, ...
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com