Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65132 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY65132
Description  WLAN Power Amplifier Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65132 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY65132_06 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65132_06 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DATA SHEET • SKY65132 WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103252F • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • March 21, 2006
9
C1222
Notes:
1. Carrier tape: black conductive polystyrene
2. Cover tape material: transparent conductive PSA
3. Cover tape size: 9.3 mm width
4. All dimensions are in millimeters
A
B
2.00 ± 0.05
∅1.55 ± 0.05
0.30 ± 0.05
5
o Max.
5
o Max.
1.75 ± 0.10
∅1.50 Min.
8.00
4.00
A
B
B
A
1.70
6.30
Pin #1
Indicator
Figure 15. SKY65132 20-Pin MCM Tape and Reel Dimensions


Similar Part No. - SKY65132_06

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65132-11 SKYWORKS-SKY65132-11 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
More results

Similar Description - SKY65132_06

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
   3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com