Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS338-12 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS338-12
Description  GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS338-12 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS338-12_06 Datasheet HTML 1Page - Skyworks Solutions Inc. AS338-12_06 Datasheet HTML 2Page - Skyworks Solutions Inc. AS338-12_06 Datasheet HTML 3Page - Skyworks Solutions Inc. AS338-12_06 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200256 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
1
DATA SHEET
AS338-12, AS338-12LF: GaAs IC SPDT Nonreflective Switch
300 kHz–2.5 GHz
Features
Low DC power consumption
High isolation (40 dB @ 0.9 GHz)
Nonreflective
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AS338-12 is a low-cost IC FET SPDT nonreflective switch in
a plastic SOIC-8 package for commercial applications. The switch
operates with -5, 0 V or 0, +5 V when “floated” as shown on the
following page. This general-purpose SPDT switch is used in var-
ious telecommunications applications.
VS
10 k
J1
V1
V2
GND
J3
CBL
50
CBP
J2
CBL
CBP
GND
50
CBL
Pin Out
External components shown are for positive voltage operation only.
CBL = 100 pF, CBP = 1000 pF for operation >500 MHz.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Parameter(1)
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss(2)
300 kHz–0.5 GHz
0.5
0.7
dB
300 kHz–1.0 GHz
0.6
0.8
dB
300 kHz–2.0 GHz
0.7
0.9
dB
300 kHz–2.5 GHz
1.2
1.4
dB
Isolation
300 kHz–0.5 GHz
43
46
dB
300 kHz–1.0 GHz
36
39
dB
300 kHz–2.0 GHz
27
30
dB
300 kHz–2.5 GHz
23
26
dB
VSWR(3)
300 kHz–0.5 GHz
1.2:1
1.3:1
300 kHz–1.0 GHz
1.2:1
1.4:1
300 kHz–2.5 GHz
1.3:1
1.5:1
Electrical Specifications at 25 °C (0, -5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Input/output.


Similar Part No. - AS338-12_06

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
   GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
More results

Similar Description - AS338-12_06

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS229-350 SKYWORKS-AS229-350_07 Datasheet
273Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-6 GHz
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS169-73 SKYWORKS-AS169-73 Datasheet
144Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
   GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS002R2-12 SKYWORKS-AS002R2-12_06 Datasheet
150Kb / 4P
   GaAs IC SPDT Low-Loss Reflective Switch 300 kHz-2.5 GHz
AS204-80 SKYWORKS-AS204-80_08 Datasheet
194Kb / 4P
   GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz
AS204-80 SKYWORKS-AS204-80_07 Datasheet
221Kb / 4P
   GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz
AW002R2-12 SKYWORKS-AW002R2-12_06 Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
AS216-339 SKYWORKS-AS216-339_06 Datasheet
256Kb / 4P
   GaAs SPDT IC 7 W T/R Switch 300 kHz-2.5 GHz
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com