Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD02-999 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # DD02-999
Description  650 MHz-3 GHz Directional Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DD02-999 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  DD02-999 Datasheet HTML 1Page - Skyworks Solutions Inc. DD02-999 Datasheet HTML 2Page - Skyworks Solutions Inc. DD02-999 Datasheet HTML 3Page - Skyworks Solutions Inc. DD02-999 Datasheet HTML 4Page - Skyworks Solutions Inc. DD02-999 Datasheet HTML 5Page - Skyworks Solutions Inc. DD02-999 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200035 Rev. E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • December 1, 2006
1
DD02-999, DD02-999LF: 650 MHz–3 GHz
Directional Detector
DATA SHEET
Features
Frequency coverage: 650 MHz to 3 GHz
Low insertion loss: 0.2 dB typ. up to 2 GHz
Directivity: 23 dB typ.
Small outline SC-88 (6-Lead SC-70)
Built-in temperature compensating diode
Low cost for high-volume handset applications
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The DD02-999 directional detector is designed to operate from
650 MHz to 3 GHz. It contains a high-directivity directional
coupler, the coupled arm of which drives a GaAs Schottky
detector diode. It also contains an identical GaAs Schottky diode
used for temperature compensation. This part is packaged in the
miniature SC-88 package. The DD02-999LF is packaged in the
lead (Pb)-free SC-88 package and is fully compliant with current
RoHS requirements.
The DD02-999 provides detection of the input signal amplitude
only, by virtue of the directivity of the on-chip directional coupler.
The sensitivity of the detector diode is improved through the
application of an external 5 µA (nominal) forward bias current
produced by an external 1 V (nominal) voltage source. This bias
current is also applied to the temperature compensation diode.
Temperature compensation of the detected output voltage can be
accomplished by subtracting the output voltage from the temper-
ature compensation Schottky diode, which is thermally coupled
to the detector Schottky diode via their common substrate, from
the detected output voltage.
This part is rated to operate from -40 °C to 85 °C.
An evaluation board is available upon request.
RF Out
DC Bias/AC GND
Temp Comp Out
RF In
DC Bias/AC GND
Detected Out
Pin Out
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Innovation to Go
TM
Now available for purchase online.
BUY
NOW
BUY
NOW


Similar Part No. - DD02-999

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999 Datasheet
81Kb / 6P
   Directional Detector
DD02-999LF SKYWORKS-DD02-999LF Datasheet
81Kb / 6P
   Directional Detector
More results

Similar Description - DD02-999

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DD01-92 ALPHA-DD01-92 Datasheet
46Kb / 3P
   Directional Detector
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999 Datasheet
81Kb / 6P
   Directional Detector
DD02-92 SKYWORKS-DD02-92 Datasheet
81Kb / 6P
   Directional Detector
logo
Broadcom Corporation.
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
DEMO-VMMK3413-42 BOARDCOM-DEMO-VMMK3413-42 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3313 AVAGO-VMMK-3313 Datasheet
652Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com