Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5310-BM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5310-BM
Description  PRECISION CLOCK MULTIPLIER/REGENERATOR IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5310-BM Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5310-BM Datasheet HTML 1Page - Silicon Laboratories SI5310-BM Datasheet HTML 2Page - Silicon Laboratories SI5310-BM Datasheet HTML 3Page - Silicon Laboratories SI5310-BM Datasheet HTML 4Page - Silicon Laboratories SI5310-BM Datasheet HTML 5Page - Silicon Laboratories SI5310-BM Datasheet HTML 6Page - Silicon Laboratories SI5310-BM Datasheet HTML 7Page - Silicon Laboratories SI5310-BM Datasheet HTML 8Page - Silicon Laboratories SI5310-BM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev. 1.2 8/06
Copyright © 2006 by Silicon Laboratories
Si5310
Si5310
PRECISION CLOCK MULTIPLIER/REGENERATOR IC
Features
Complete precision clock multiplier and clock regenerator device:
Applications
Description
The Si5310 is a fully integrated low-power clock multiplier and clock
regenerator IC. The clock multiplier generates an output clock that is an
integer multiple of the input clock. The clock regenerator operates
simultaneously, creating a “clean” version of the input clock by using the
clock synthesis phase-locked loop (PLL) to remove unwanted jitter and
square up the input clock’s rising and falling edges. The Si5310 uses
Silicon Laboratories patented DSPLL® architecture to achieve superior
jitter performance while eliminating the analog loop filter found in
traditional PLL designs with a digital signal-processing algorithm.
The Si5310 represents a new standard in low jitter, small size, low power,
and ease-of-use for clock devices. It operates from a single 2.5 V supply
over the industrial temperature range (–40 to 85 °C).
Functional Block Diagram
Performs clock multiplication to one
of two frequency ranges:
150–167 MHz or 600–668 MHz
Jitter generation as low as
0.5 psrms for 622 MHz output
Accepts input clock from
9.4–668 MHz
Regenerates a “clean”, jitter-
attenuated version of input clock
DSPLL™ technology provides
superior jitter performance
Small footprint: 4 x 4 mm
Low power: 310 mW typical
ROHS-compliant Pb-free
packaging option available
SONET/SDH systems
Terabit routers
Digital cross connects
Optical transceiver modules
Gigabit Ethernet systems
Fibre channel
DSPLL®
Phase-Locked
Loop
BUF
BUF
CLKIN+
CLKIN–
2
MULTSEL
REFCLK+
REFCLK–
2
2
2
LOL
MULTOUT+
MULTOUT–
CLKOUT+
CLKOUT–
Bias Gen
REXT
BUF
Calibration
Regeneration
PWRDN/CAL
Ordering Information:
See page 21.
Pin Assignments
Si5310
GND
Pad
15
14
13
12
11
PWRDN
CLKOUT+
VDD
CLKOUT–
VDD
1
2
3
4
5
VDD
GND
REFCLK–
REXT
REFCLK+
20 19 18 17 16
6
7
8
9
10


Similar Part No. - SI5310-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5310-EVB SILABS-SI5310-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

Similar Description - SI5310-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com