Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5316-B-GM Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI5316-B-GM
Description  PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5316-B-GM Datasheet(HTML) 3 Page - Silicon Laboratories

  SI5316-B-GM Datasheet HTML 1Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 2Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 3Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Si5316
Preliminary Rev. 0.24
3
External Reference Jitter
Transfer
JPKEXTN
—TBD
TBD
dB
Phase Noise
CKOPN
fOUT = 622.08 MHz
100 Hz offset
TBD
TBD
dBc/Hz
1 kHz offset
TBD
TBD
dBc/Hz
10 kHz offset
TBD
TBD
dBc/Hz
100 kHz offset
TBD
TBD
dBc/Hz
1 MHz offset
TBD
TBD
dBc/Hz
Subharmonic Noise
SPSUBH
Phase Noise @ 100 kHz
Offset
TBD
TBD
dBc
Spurious Noise
SPSPUR
Max spur @ n x F3
(n > 1, n x F3 < 100 MHz)
TBD
TBD
dBc
Package
Thermal Resistance
Junction to Ambient
θJA
Still Air
38
ºC/W
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.6
V
LVCMOS Input Voltage
VDIG
–0.3 to (VDD + 0.3)
V
Operating Junction Temperature
TJCT
–55 to 150
ºC
Storage Temperature Range
TSTG
–55 to 150
ºC
ESD HBM Tolerance (100 pF, 1.5 k
Ω)2
kV
ESD MM Tolerance
200
V
Latch-Up Tolerance
JESD78 Compliant
Note: Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operation sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods of time may affect device reliability.
Table 1. Performance Specifications (Continued)
(VDD = 1.8, 2.5, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.


Similar Part No. - SI5316-B-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5316-C-GM SKYWORKS-SI5316-C-GM Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5316-EVB SILABS-SI5316-EVB Datasheet
1Mb / 26P
   The Si531x/2x Any-Frequency Precision Clocks
More results

Similar Description - SI5316-B-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com