Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5325 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI5325
Description  UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5325 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI5325 Datasheet HTML 3Page - Silicon Laboratories SI5325 Datasheet HTML 4Page - Silicon Laboratories SI5325 Datasheet HTML 5Page - Silicon Laboratories SI5325 Datasheet HTML 6Page - Silicon Laboratories SI5325 Datasheet HTML 7Page - Silicon Laboratories SI5325 Datasheet HTML 8Page - Silicon Laboratories SI5325 Datasheet HTML 9Page - Silicon Laboratories SI5325 Datasheet HTML 10Page - Silicon Laboratories SI5325 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Si5325
Preliminary Rev. 0.26
7
4C2B
O
LVCMOS
CKIN2 Invalid Indicator.
This pin functions as a LOS (and optionally FOS) alarm indi-
cator for CKIN2 if CK2_BAD_PIN =1.
0 = CKIN2 present.
1 = LOS (FOS) on CKIN2.
The active polarity can be changed by CK_BAD_POL. If
CK2_BAD_PIN = 0, the pin tristates.
5, 10, 11,
15, 32
VDD
VDD
Supply
Supply.
The device operates from a 1.8, 2.5, or 3.3 V supply. Bypass
capacitors should be associated with the following Vdd pins:
5
0.1 µF
10
0.1 µF
32
0.1 µF
A 1.0 µF should be placed as close to device as is practical.
6, 8, 31
GND
GND
Supply
Ground.
Must be connected to system ground. Minimize the ground
path impedance for optimal performance of this device.
12
13
CKIN2+
CKIN2–
IMulti
Clock Input 2.
Differential input clock. This input can also be driven with a
single-ended signal. Input frequency range is 10 to 710 MHz.
16
17
CKIN1+
CKIN1–
IMulti
Clock Input 1.
Differential input clock. This input can also be driven with a
single-ended signal. Input frequency range is 10 to 710 MHz.
21
CS_CA
I/O
LVCMOS
Input Clock Select/Active Clock Indicator.
In manual clock selection mode, this pin functions as the
manual input clock selector if the CKSEL_PIN is set to 1.
0 = Select CKIN1.
1 = Select CKIN2.
If CKSEL_PIN =0, the CKSEL_REG register bit controls this
function and this input tristates.
In automatic clock selection mode, this pin indicates which of
the two input clocks is currently the active clock. If alarms
exist on both clocks, CA will indicate the last active clock that
was used before entering the digital hold state. The
CK_ACTV_PIN register bit must be set to 1 to reflect the
active clock status to the CA output pin.
0 = CKIN1 active input clock.
1 = CKIN2 active input clock.
If CK_ACTV_PIN = 0, this pin will tristate. The CA status will
always be reflected in the CK_ACTV_REG read only register
bit.
Table 3. Si5325 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5325 Register Map.


Similar Part No. - SI5325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5325 SILABS-Si5325 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5325/26-EVB SILABS-Si5325/26-EVB Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5325/26-EVB SKYWORKS-SI5325/26-EVB Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com