Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8430-A-IS Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI8430-A-IS
Description  TRIPLE-CHANNEL DIGITAL ISOLATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8430-A-IS Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI8430-A-IS Datasheet HTML 4Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 5Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 6Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 9Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 10Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 11Page - Silicon Laboratories SI8430-A-IS Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Si8430/31/35
8
Rev. 0.3
Timing Characteristics
Si843x-A
Maximum Data Rate
0
1
Mbps
Minimum Pulse Width
1000
ns
Propagation Delay
tPHL, tPLH
See Figure 2
75
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
30
ns
Propagation Delay Skew1
tPSK(P-P)
50
ns
Channel-Channel Skew
tPSK
40
ns
Si843x-B
Maximum Data Rate
0
10
Mbps
Minimum Pulse Width
100
ns
Propagation Delay
tPHL, tPLH
See Figure 2
35
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
7.5
ns
Propagation Delay Skew1
tPSK(P-P)
25
ns
Channel-Channel Skew
tPSK
——
5
ns
Si843x-C
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
6.6
ns
Propagation Delay
tPHL, tPLH
See Figure 2
4
6.5
9.5
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
3
ns
Propagation Delay Skew1
tPSK(P-P)
——
5.5
ns
Channel-Channel Skew
tPSK
——
3
ns
Table 2. Electrical Characteristics (Continued)
(VDD1 = 3.3 V, VDD2 = 3.3 V, TA = –40 to 125 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit


Similar Part No. - SI8430-A-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8430 SKYWORKS-SI8430 Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8430AB-C-IS SILABS-SI8430AB-C-IS Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8430AB-C-IS SKYWORKS-SI8430AB-C-IS Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8430AB-C-IS1 SILABS-SI8430AB-C-IS1 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
More results

Similar Description - SI8430-A-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
IK Semicon Co., Ltd
ILX488-3 IKSEMICON-ILX488-3 Datasheet
784Kb / 19P
   Low-Power Triple-Channel Digital Isolator
logo
Texas Instruments
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
logo
Texas Instruments
ISO6731 TI-ISO6731 Datasheet
1Mb / 35P
[Old version datasheet]   ISO6731 General-Purpose Triple-Channel Digital Isolator with Robust EMC
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com