Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2256-S Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2256-S
Description  Electronic Volume Controller IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256-S Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2256-S Datasheet HTML 1Page - Princeton Technology Corp PT2256-S Datasheet HTML 2Page - Princeton Technology Corp PT2256-S Datasheet HTML 3Page - Princeton Technology Corp PT2256-S Datasheet HTML 4Page - Princeton Technology Corp PT2256-S Datasheet HTML 5Page - Princeton Technology Corp PT2256-S Datasheet HTML 6Page - Princeton Technology Corp PT2256-S Datasheet HTML 7Page - Princeton Technology Corp PT2256-S Datasheet HTML 8Page - Princeton Technology Corp PT2256-S Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256 V1.7
- 5 -
August, 2006
Electronic Volume Controller IC
PT2256
FUNCTION DESCRIPTION
ATTENUATION
The PT2256 volume control circuit consists of ladder resistors and analog switches. The Tap for
loudness function is connected to the Step 10 (-20dB). When the (3.9KΩ) resistor is connected
between LT and AGND pins, the attenuation is given in table below.
The equivalent circuit is shown below:
Step
Attenuation
(dB)
Step
Attenuation
(dB)
0
0
16
-32
1
-2
17
-34
2
-4
18
-36
3
-6
19
-38
4
-8
20
-40
5
-10
21
-42
6
-12
22
-46
7
-14
23
-50
8
-16
24
-54
9
-18
25
-58
10
-20
26
-62
11
-22
27
-66
12
-24
28
-70
13
-26
29
-74
14
-28
30
-78
15
-30
31
OUT
IN
LT
AGND
Step 0
Step 1
Step 9
Step 10
Step 11
Step 31
Step 30
29K
22K
Step 2
Note: Step 22 has an initial value of -46dB.


Similar Part No. - PT2256-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2256-S PTC-PT2256-S Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
More results

Similar Description - PT2256-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com