Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1142-011 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMV1142-011
Description  Hyperabrupt Junction Tuning Varactors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1142-011 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1142-011 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMV1142–SMV1148
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200056 Rev. E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • February 23, 2007
3
1.0
10.0
100.0
6.0
8.0
4.0
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
2.0
0
SMV1148
SMV1147
SMV1145
SMV1144
SMV1142
SMV1143
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance Change
vs. Temperature
VR = 1 V
VR = 4 V
12
10
8
6
4
2
0
-2
-4
-6
-8
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Series Resistance Change
vs. Temperature
0.4
0.6
0.8
Reverse Voltage (V)
Series Resistance vs. Reverse Voltage
@ 500 MHz
0
1
2
3
4
5
SMV1142
SMV1144
SMV1145
SMV1147
SMV1148
SMV1143
Typical Performance Data


Similar Part No. - SMV1142-011

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1142-011 ALPHA-SMV1142-011 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1142-011LF SKYWORKS-SMV1142-011LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SMV1142-011

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com