Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2310-S Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2310-S
Description  Volume Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2310-S Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2310-S Datasheet HTML 5Page - Princeton Technology Corp PT2310-S Datasheet HTML 6Page - Princeton Technology Corp PT2310-S Datasheet HTML 7Page - Princeton Technology Corp PT2310-S Datasheet HTML 8Page - Princeton Technology Corp PT2310-S Datasheet HTML 9Page - Princeton Technology Corp PT2310-S Datasheet HTML 10Page - Princeton Technology Corp PT2310-S Datasheet HTML 11Page - Princeton Technology Corp PT2310-S Datasheet HTML 12Page - Princeton Technology Corp PT2310-S Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2310 V1.0
- 9 -
June, 2005
Volume Controller IC
PT2310
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Maximum supply voltage
VDD
-0.3 ~ 15
V
Input voltage
VIN
-0.3 ~ VDD+0.3
V
Power dissipation
PD
300
mW
Operating temperature
Topr
-40 ~ +85
Storage temperature
Tstg
-65 ~ +150
ELECTRONICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25℃, VDD=9V)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply voltage
VDD
4.5
9.0
12
V
Operating current
IDD
No load, F=20Hz
-
0.3
1.0
mA
Quiescent current
Iq
IN, OUT, CK, CS, SATA, STB
connect to VSS
-
0.1
10
µA
CK, DATA, STB, VDD=5V
4
-
VDD
V
Input high level voltage
VIH
CS, VDD=10V
0.7VDD
-
VDD
V
CK, DATA, STB, VDD=5V
0
-
1
V
Input low level voltage
VIL
CS, VDD=10V
0
-
0.3VDD
V
Input high level current
IIH
VIL=VDD
-1
-
1
µA
Input low level current
IIL
VIL=0V
-1
-
1
µA
Resistance of Attenuator
RVR
20
28
37
KΩ
Resistance of analog
switch
RON
When 0dB, the resistance
between IN1~OUT1 and
IN2~OUT2
-
250
600
Two Channel
Attenuation error
∆ATT
-
0
±2
dB
Channel Balance
∆RVR
Vin=1Vrms
-
0
±3
%
Total harmonic distortion
THD
0dB
-
0.01
-
%
Max. attenuation
ATTmax
∞dB
-
100
-
dB
Crosstalk
CT
0dB
-
100
-
dB
Residual noise
VN
1.Input Frequency: 1KHz
2. Input voltage: 1Vrms
3. Test equipment input
resistance=100KΩ
4. Test equipment output
resistance=600Ω
0dB
-
2
-
µVrms
Maximum Bus.
Operation Frequency
Fop
-
10
-
500K
Hz
TCK
CK input
-
0.5
1
Minimum pulse duty
TSTB
STB input
-
1
2
µs


Similar Part No. - PT2310-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT23101 BOURNS-PT23101 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23102 BOURNS-PT23102 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23103 BOURNS-PT23103 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23104 BOURNS-PT23104 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23105 BOURNS-PT23105 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
More results

Similar Description - PT2310-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2259 PTC-PT2259_09 Datasheet
406Kb / 15P
   Volume Controller IC
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
   Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com