Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM30CZ-2H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RM30CZ-2H
Description  HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM30CZ-2H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RM30CZ-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM30CZ-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM30CZ-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feb.1999
2H
1600
1700
1280
ABSOLUTE MAXIMUM RATINGS
Unit
V
V
V
MITSUBISHI DIODE MODULES
RM30DZ/CZ-24,-2H
HIGH VOLTAGE MEDIUM POWER GENERAL USE
INSULATED TYPE
24
1200
1350
960
Symbol
VRRM
VRSM
VR (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Reverse DC voltage
Voltage class
Unit
A
A
A
A2s
Hz
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Conditions
Single-phase, half-wave 180
° conduction, TC=116°C
One half chcle at 60Hz, peak value
Value for one cycle of surge current
Charged part to case
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
47
30
600
1.5
× 103
1000
–40~+150
–40~+125
2500
1.47~1.96
15~20
1.96~2.94
20~30
160
Symbol
IF (RMS)
IF (AV)
IFSM
I2t
f
Tj
Tstg
Viso
Parameter
RMS forward current
Average forward current
Surge (non-repetitive) forward current
I2t for fusing
Maximum operating frequency
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Unit
mA
V
°C/W
°C/W
M
Limits
Symbol
IRRM
VFM
Rth (j-c)
Rth (c-f)
Parameter
Repetitive reverse current
Forward voltage
Thermal resistance
Contact thermal resistance
Insulation resistance
Test conditions
Tj=150
°C, VRRM applied
Tj=25
°C, IFM=90A, instantaneous meas.
Junction to case (per 1/2 module)
Case to fin, conductive grease applied (per 1/2 module)
Measured with a 500V megohmmeter between main terminal
and case
Min.
10
Typ.
Max.
15
1.5
0.8
0.2
ELECTRICAL CHARACTERISTICS


Similar Part No. - RM30CZ-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30CZ-2H MITSUBISHI-RM30CZ-2H Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM30CZ-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30TC-40 MITSUBISHI-RM30TC-40 Datasheet
48Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM15TC-40 MITSUBISHI-RM15TC-40 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100D2Z-40 MITSUBISHI-RM100D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM30DZ-24 MITSUBISHI-RM30DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TA-24 MITSUBISHI-RM20TA-24 Datasheet
70Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24_02 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100DZ-24 MITSUBISHI-RM100DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM50D2Z-40 MITSUBISHI-RM50D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
TM25RZ-24 MITSUBISHI-TM25RZ-24 Datasheet
59Kb / 4P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-24 MITSUBISHI-RM60DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24 Datasheet
61Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com