Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS186-302 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AS186-302
Description  GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS186-302 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AS186-302 Datasheet HTML 1Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 2Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 3Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 4Page - Skyworks Solutions Inc. AS186-302 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • AS186-302, AS186-302LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200104 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • August 2, 2006
3
Isolation vs. Frequency
01
2
3
45
6
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
J1–J2
J1–J3
Isolation vs. Frequency
-40, 25, 85 ˚C
01
2
3
45
6
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
-40 ˚C
25 ˚C
85 ˚C
01
2
3
4
5
6
Frequency (GHz)
VSWR vs. Frequency
1.00
1.25
1.50
1.75
2.00
2.25
2.50
S11 On
S22 Off
S22 On
01
2
3
4
5
6
Frequency (GHz)
VSWR vs Frequency
-40, 25, 85 ˚C (S22 Off)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-40 ˚C
25 ˚C
85 ˚C
01
2
3
4
5
6
Frequency (GHz)
Input VSWR vs Frequency
-40, 25, 85 °C
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-40 °C
25 °C
85 °C


Similar Part No. - AS186-302

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
   GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
   Three-switch solution for base station synthesizer switch
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
More results

Similar Description - AS186-302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS196-307 SKYWORKS-AS196-307 Datasheet
688Kb / 6P
   GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
logo
Alpha Industries
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS177-86 ALPHA-AS177-86 Datasheet
50Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
AS176-59 ALPHA-AS176-59 Datasheet
61Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-3.0 GHz
logo
Analog Devices
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
   High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
   High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
logo
Skyworks Solutions Inc.
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com