Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI533PC00100DG Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI533PC00100DG
Description  DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI533PC00100DG Datasheet(HTML) 1 Page - Silicon Laboratories

  SI533PC00100DG Datasheet HTML 1Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 2Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 3Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 4Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 5Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 6Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 7Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 8Page - Silicon Laboratories SI533PC00100DG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 1.1 6/07
Copyright © 2007 by Silicon Laboratories
Si533
Si533
DUAL FREQUENCY CRYSTAL OSCILLATOR (XO)
(10 MHZ TO 1.4 GHZ)
Features
Applications
Description
The Si533 dual frequency XO utilizes Silicon Laboratories’ advanced
DSPLL® circuitry to provide a low jitter clock at high frequencies. The Si533
is available with any-rate output frequency from 10 to 945 MHz and select
frequencies to 1400 MHz. Unlike a traditional XO, where a different crystal is
required for each output frequency, the Si533 uses one fixed crystal to
provide a wide range of output frequencies. This IC based approach allows
the crystal resonator to provide exceptional frequency stability and reliability.
In addition, DSPLL clock synthesis provides superior supply noise rejection,
simplifying the task of generating low jitter clocks in noisy environments
typically found in communication systems. The Si533 IC based XO is factory
configurable for a wide variety of user specifications including frequency,
supply voltage, output format, and temperature stability. Specific
configurations are factory programmed at time of shipment, thereby
eliminating long lead times associated with custom oscillators.
Functional Block Diagram
Available with any-rate output
frequencies from 10 MHz to 945 MHz
and select frequencies to 1.4 GHz
2 selectable output frequencies
3rd generation DSPLL® with superior
jitter performance
3x better frequency stability than
SAW-based oscillators
Pin 1 output enable (OE)
Internal fixed crystal frequency
ensures high reliability and low
aging
Available CMOS, LVPECL,
LVDS, and CML outputs
3.3, 2.5, and 1.8 V supply options
Industry-standard 5 x 7 mm
package and pinout
Pb-free/RoHS-compliant
SONET/SDH
Networking
SD/HD video
Clock and data recovery
FPGA/ASIC clock generation
Fixed
Frequency
XO
Any-rate
10–1400 MHz
DSPLL®
Clock
Synthesis
VDD
CLK+
CLK–
OE
GND
FS
Ordering Information:
See page 7.
Pin Assignments:
See page 6.
(Top View)
Si5602
1
2
3
6
5
4
GND
FS
VDD
CLK+
CLK–
OE
1
2
3
6
5
4
GND
FS
VDD
CLK+
NC
OE
LVDS/LVPECL/CML
CMOS
REVISION D


Similar Part No. - SI533PC00100DG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si533 SILABS-Si533 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5330 SILABS-SI5330 Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results

Similar Description - SI533PC00100DG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com