Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BULD25SL Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # BULD25SL
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BULD25SL Datasheet(HTML) 4 Page - Power Innovations Ltd

  BULD25SL Datasheet HTML 1Page - Power Innovations Ltd BULD25SL Datasheet HTML 2Page - Power Innovations Ltd BULD25SL Datasheet HTML 3Page - Power Innovations Ltd BULD25SL Datasheet HTML 4Page - Power Innovations Ltd BULD25SL Datasheet HTML 5Page - Power Innovations Ltd BULD25SL Datasheet HTML 6Page - Power Innovations Ltd BULD25SL Datasheet HTML 7Page - Power Innovations Ltd BULD25SL Datasheet HTML 8Page - Power Innovations Ltd BULD25SL Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BULD25D, BULD25DR, BULD25SL
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
4
JULY 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
Figure 5.
Figure 6.
Figure 7.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0·1
1·0
10
LDX25DFB
t
p = 100 µs
t
p =
10 ms
t
p =
1 s
BULD25D
T
A = 25°C
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0·1
1·0
10
LDX25SFB
t
p = 100 µs
t
p =
10 ms
t
p =
1 s
BULD25SL
T
A = 25°C
MAXIMUM REVERSE-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
LDX25DRB
BULD25D
I
B(on)
= I
C / 5
V
BE(off) = -5 V
T
A
= 25°C
MAXIMUM REVERSE-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
LDX25SRB
BULD25SL
I
B(on)
= I
C / 5
V
BE(off) = -5 V
T
A
= 25°C


Similar Part No. - BULD25SL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULD1101E STMICROELECTRONICS-BULD1101E Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
BULD1101E-1 STMICROELECTRONICS-BULD1101E-1 Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
229Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - BULD25SL

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BULD125KC TRSYS-BULD125KC Datasheet
972Kb / 6P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD85KC TRSYS-BULD85KC Datasheet
726Kb / 7P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
Power Innovations Ltd
BULD50KC POINN-BULD50KC Datasheet
231Kb / 10P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BUPD1520 POINN-BUPD1520 Datasheet
115Kb / 5P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD85KC POINN-BULD85KC Datasheet
166Kb / 8P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD125KC POINN-BULD125KC Datasheet
167Kb / 8P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
   NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com