Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3624 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3624
Description  Low-Jitter, Precision Clock Generator with Four Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3624 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3624 Datasheet HTML 4Page - Maxim Integrated Products MAX3624 Datasheet HTML 5Page - Maxim Integrated Products MAX3624 Datasheet HTML 6Page - Maxim Integrated Products MAX3624 Datasheet HTML 7Page - Maxim Integrated Products MAX3624 Datasheet HTML 8Page - Maxim Integrated Products MAX3624 Datasheet HTML 9Page - Maxim Integrated Products MAX3624 Datasheet HTML 10Page - Maxim Integrated Products MAX3624 Datasheet HTML 11Page - Maxim Integrated Products MAX3624 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Jitter, Precision Clock Generator
with Four Outputs
8
_______________________________________________________________________________________
Output Divider Configuration
Table 2 shows the input settings required to set the out-
put dividers. Leakage in the OPEN case must be less
than 1µA. Note that when the MAX3624 is in bypass
mode (
BYPASS set low), the output dividers are auto-
matically set to divide by 1.
Table 2. Output Divider Configuration Chart
INPUT
SELA1/SELB1
SELA0/SELB0
NA/NB DIVIDER
0
0
/ 2*
0
1
/ 3*
1
0
/ 4
1
1
/ 5
1
OPEN
/ 6
OPEN
1
/ 8
0
OPEN
/ 10
OPEN
0
/ 12
OPEN
OPEN
/ 1*
Table 1. Output Frequency Determination Chart
XO OR CMOS
INPUT
FREQUENCY
(MHz)
FEEDBACK
DIVIDER, M
VCO
FREQUENCY
(MHz)
OUTPUT
DIVIDER,
NA AND NB
OUTPUT
FREQUENCY
(MHz)
APPLICATIONS
2
312.5
4
156.25
5
125
8
78.125
25
25
625
10
62.5
Ethernet
25.78125
25
644.53125
4
161.132812
10Gbps Ethernet
2
312.5
4
156.25
5
125
8
78.125
26.04166
24
625
10
62.5
Ethernet
2
318.75
3
212.5
4
159.375
6
106.25
26.5625
24
637.5
12
53.125
Fibre Channel
2
311.04
4
155.52
19.44
32
622.08
8
77.76
SONET/SDH
2
311.04
4
155.52
38.88
(CMOS input)
16
622.08
8
77.76
SONET/SDH
*Maximum guaranteed output frequency is 160MHz for CMOS
and 320MHz for LVPECL output.


Similar Part No. - MAX3624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3624AETJ++ MAXIM-MAX3624AETJ+ Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3624UTJ++ MAXIM-MAX3624UTJ+ Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
More results

Similar Description - MAX3624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com