Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3CH400 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3CH400
Description  Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH400 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3CH400 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH400 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8722C
05/10/06
PI3CH400
Low Voltage, 5Ω, 4-Channel
2-Port NanoSwitch
Packaging Mechanical: 16-pin QSOP (Q)
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
0.41
1.27
.008
0.203
.015 x 45
°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
Packaging Mechanical: 16-pin TSSOP (L)
.193
.201
.047
max.
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
16
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
1.20
4.9
5.1
0.65
0.19
0.30
.007
.012
06-0247


Similar Part No. - PI3CH400

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH400LE PERICOM-PI3CH400LE Datasheet
421Kb / 7P
   4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400LEX PERICOM-PI3CH400LEX Datasheet
421Kb / 7P
   4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400ZBEX PERICOM-PI3CH400ZBEX Datasheet
421Kb / 7P
   4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400 PERICOM-PI3CH400_15 Datasheet
421Kb / 7P
   4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH400

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH401 PERICOM-PI3CH401 Datasheet
376Kb / 8P
   Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH200 PERICOM-PI3CH200 Datasheet
640Kb / 8P
   Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PI3CH800 PERICOM-PI3CH800 Datasheet
579Kb / 8P
   LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?
PI3CH1000 PERICOM-PI3CH1000 Datasheet
571Kb / 8P
   Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
   3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3125 PERICOM-PI3B3125 Datasheet
414Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch w/Individual Enables
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com