Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB102 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB102
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB102 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PI3USB102
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
P-0.6
03/27/07
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.0 - 4.4V)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed
HIGH level
VCC = 4.2V
1.8
V
VCC = 3.3V
1.6
VIL
Input LOW Voltage
Guaranteed HIGH level
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIK = –18mA
-1.2
IIH
Input HIGH Current
VCC = Max., VIH = VCC
±5
uA
IIL
Input LOW Current
VCC = Max., VIL = GND
±5
RON
Switch On-Resistance(3)
VCC = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = –40mA
5.5
6.0
Ω
RFLAT(ON)
On-Resistance Flatness(3)
VCC = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = -40mA
1.5
RON
On-Resistance match from cen-
ter ports to any other port(3)
VCC = Min., -0.4V ≤ Vinput ≤ 1.0V,
ION = -40mA
0.9
2.0
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
VCC = 3.0 - 4.4V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between D and Dn pin at indicated current through the Switch On-Resistance is determined by the lower of the
voltages on the two (D, Dn) pins.
Storage Temperature ......................................................–65°C to +150°C
Supply Voltage to Ground Potential .................................–0.5V to +4.6V
DC Input Voltage ..................................................... –0.5V to VCC +0.5V
DC Output Current ........................................................................120mA
Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (VCC = 3.0 - 4.4V)
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VSEL = GND or VCC
50
nA
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
07-0095


Similar Part No. - PI3USB102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102EZLE PERICOM-PI3USB102EZLE Datasheet
936Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102G PERICOM-PI3USB102G Datasheet
871Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB102GZLE PERICOM-PI3USB102GZLE Datasheet
871Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB102ZLE PERICOM-PI3USB102ZLE Datasheet
630Kb / 8P
   USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
More results

Similar Description - PI3USB102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB102 PERICOM-PI3USB102_08 Datasheet
630Kb / 8P
   USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PI3USB10LP-A PERICOM-PI3USB10LP-A Datasheet
558Kb / 8P
   USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
[Old version datasheet]   TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
[Old version datasheet]   TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
   USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
   USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com