Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4530CAP Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PS4530CAP
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4530CAP Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PS4530CAP Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 10Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 11Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 12Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Applications Information
Power-Supply Considerations
Overview
The PS4530/PS4531/PS4532 construction is typical of most CMOS
analog Switches. They have three supply pins: V+, V, and GND. V+
and V- drive the the internal CMOS switches and set the limits of
the analog voltage on any switch. Reverse ESD-protection diodes
are internally connected between each analog-signal pin and both
V+ and V-. One of these diodes conducts if any signal exceeds V+
or V-. During normal operation, these and other reverse-biased
ESD diodes leak, forming the only current drawn from V+ or V–.
Virtually all of the analog leakage current comes from the ESD
diodes. Although the ESD diodes on a given signal pine are iden-
tical and therefore fairly well balanced, they are reverse biased
differently. Each is biased by either V+ or V- and the analog signal.
This means their leakages vary as the signal varies. The difference
in the two diode leakages to the V+ and V– pins constitutes the
analog-signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the other
switch terminal. For this reason, both sides of a given switch can
show leakage currents of either the same or opposite polarity.
The signal paths and GND are not connected.
V+ and GND power the internal logic and logic-level translators,
and set both the input and output logic limits. The logic level
translators convert the logic levels into switched V+ and V- sig-
nals to drive the analog signals’ gates. This drive signal is the only
connection between the logic supplies and signals and the analog
supplies. V+ and V- have ESD-protection diodes to GND.
The logic-level thresholds are TTL/CMOS compatible when
V+ = +5V. As V+ rises, the threshold increases slightly, so when
V+ reaches +12V, the threshold is about 3.1V – above the TTL
guaranteed, high-level minimum of 2.8V, but still compatible with
CMOS outputs.
Bipolar Supplies
The PS4530/PS4531/PS4532 operate with bipolar supplies between
±2.0V and ±6V. The V+ and V- supplies need not be symmetrical,
but their sum cannot exceed the +13V absolute maximum rating.
Single Supply
The PS4530/PS4531/PS4532 operate from a single supply between
+2V and 12V when V- is connected to GND. All of the bipolar
precautions must be observed. At room temperature, they actually
work with a single supply at, near, or below +1.7V, although as
supply voltage decreases, switch on-resistance and switching times
become very high.
High-Frequency Performance
In 50Ohm systerns, signal response is reasonably flat up to 50MHz
(see Typical Operating Characteristics). Above 20MHz, the on
response has several minor peaks that are highly layout depen-
dent. The problem is not in turning the switch on, but in turning it
off. The off-state switch acts lilke a capacitor and passes higher
frequencies with less attenuation. At 10MHz, off isolation is about
–65dB in 50Ohm systems, becoming worse (approximately 21dB
per decade) as frequency increases. Higher circuit impedances
also make off isolation worse. Adjacent channel attenuation is
about 3dB above that of a bare IC socket, and is due entirely to
capacitive coupling.


Similar Part No. - PS4530CAP

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PS4530 PREMO-PS4530 Datasheet
225Kb / 7P
   SMD Power Inductors Shielded
PS4530-102M PREMO-PS4530-102M Datasheet
225Kb / 7P
   SMD Power Inductors Shielded
PS4530-103M PREMO-PS4530-103M Datasheet
225Kb / 7P
   SMD Power Inductors Shielded
PS4530-152M PREMO-PS4530-152M Datasheet
225Kb / 7P
   SMD Power Inductors Shielded
PS4530-222M PREMO-PS4530-222M Datasheet
225Kb / 7P
   SMD Power Inductors Shielded
More results

Similar Description - PS4530CAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
DG9051 VISHAY-DG9051_11 Datasheet
182Kb / 13P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. B, 30-May-11
DG9053 VISHAY-DG9053_V01 Datasheet
239Kb / 14P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
01-Jan-2022
logo
Pericom Semiconductor C...
PS398 PERICOM-PS398 Datasheet
207Kb / 11P
   Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com