Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8740340 Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # S8740340
Description  GaAs Push Pull, 40 - 870MHz, 34.5dB min. Gain @ 870MHz, 280mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

S8740340 Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  S8740340 Datasheet HTML 1Page - PREMIER DEVICES, INC. S8740340 Datasheet HTML 2Page - PREMIER DEVICES, INC. S8740340 Datasheet HTML 3Page - PREMIER DEVICES, INC. S8740340 Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
S8740340
GaAs Push Pull, 40 – 870MHz, 34.5dB min. Gain @ 870MHz, 280mA max. @ 24VDC
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Extremely low noise
Unconditionally stable under all terminations
APPLICATION
40 to 870 MHz CATV amplifier systems
DESCRIPTION
Hybrid Push Pull amplifier module
employing GaAs die
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBO
L
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
75
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
34.0
dB
f = 870 MHz
34.5
36.5
dB
SL
slope 1)
f = 40 to 870 MHz
0.5
1.5
2.5
dB
FL
flatness of frequency
response
f = 40 to 870 MHz
(Peak to Valley)
-
1.0
dB
S11
input return loss
f = 40 to 160 MHz
20.0
-
dB
f = 160 to 870 MHz
17.0
-
dB
S22
output return loss
f = 40 to 160 MHz
20.0
-
dB
f = 160 to 870 MHz
17.0
-
dB
F
noise figure
f = 50 to 870 MHz
-
-
4.5
dB
Itot
total current
consumption (DC)
240.0
280.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
Page 1 of 4
2005 Sep 21
Document Revision Level B
S8740340
GaAs Push Pull Hybrid
40 – 870MHz
34.5dB min. Gain @ 870MHz
280mA max. @ 24VDC


Similar Part No. - S8740340

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S8740340 RFMD-S8740340 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
logo
List of Unclassifed Man...
S8740340PT ETC-S8740340PT Datasheet
126Kb / 4P
   GaAs Push Pull, 40 - 870MHz, 34.5dB min. Gain @ 870MHz, 300mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
S8740340PT PDI-S8740340PT Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 34.5dB min. Gain @ 870MHz 300mA max. @ 24VDC
logo
RF Micro Devices
S8740340PT RFMD-S8740340PT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
More results

Similar Description - S8740340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8740340PT ETC-S8740340PT Datasheet
126Kb / 4P
   GaAs Push Pull, 40 - 870MHz, 34.5dB min. Gain @ 870MHz, 300mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
S8740340PT PDI-S8740340PT Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 34.5dB min. Gain @ 870MHz 300mA max. @ 24VDC
S8740240GT PDI-S8740240GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740220GT PDI-S8740220GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 22.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740280GT PDI-S8740280GT Datasheet
88Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 28.0dB min. Gain @ 870MHz 260mA max. @ 24VDC
S8740220P PDI-S8740220P Datasheet
127Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 22dB min. Gain @ 870MHz 270mA max. @ 24VDC
S8740180GT PDI-S8740180GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 18.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
logo
List of Unclassifed Man...
S8740240P ETC1-S8740240P Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz / 23.5dB min. Gain @ 870MHz / 255mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
S8740240P PDI-S8740240P Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 23.5dB min. Gain @ 870MHz 255mA max. @ 24VDC
S8740200P PDI-S8740200P Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 20dB min. Gain @ 870MHz 260mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com