Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX84 Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # BUX84
Description  NPN SILICON POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BUX84 Datasheet(HTML) 5 Page - Power Innovations Ltd

  BUX84 Datasheet HTML 1Page - Power Innovations Ltd BUX84 Datasheet HTML 2Page - Power Innovations Ltd BUX84 Datasheet HTML 3Page - Power Innovations Ltd BUX84 Datasheet HTML 4Page - Power Innovations Ltd BUX84 Datasheet HTML 5Page - Power Innovations Ltd BUX84 Datasheet HTML 6Page - Power Innovations Ltd BUX84 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
AUGUST 1978 - REVISED MARCH 1997
BUX84
NPN SILICON POWER TRANSISTOR
PRODUCT
INFORMATION
THERMAL INFORMATION
Figure 6.
THERMAL RESPONSE JUNCTION TO CASE
vs
POWER PULSE DURATION
t
1 - Power Pulse Duration - s
10-5
10-4
10-3
10-2
10-1
100
0·01
0·1
1·0
TCP741AL
5%
10%
20%
50%
t1
t2
duty cycle = t1/t2
Read time at end of t1,
T
J(max) - TC = PD(peak) ·
· RθθJC(max)
ZθθJC
RθθJC
( )


Similar Part No. - BUX84

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX84 MOSPEC-BUX84 Datasheet
102Kb / 2P
   POWER TRANSISTORS(2A,400-450V,40W)
logo
New Jersey Semi-Conduct...
BUX84 NJSEMI-BUX84 Datasheet
93Kb / 2P
   SWITCHMODE NPN Silicon Power Transistors
logo
NXP Semiconductors
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
logo
List of Unclassifed Man...
BUX84 ETC2-BUX84 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Transys Electronics
BUX84 TRSYS-BUX84 Datasheet
419Kb / 6P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - BUX84

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com