Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBM51414A Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SBM51414A
Description  BIDI?줥ransceiver Optical Module 1300 nm Emitting-/1550 nm Receiving Function, Medium Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SBM51414A Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SBM51414A Datasheet HTML 1Page - Siemens Semiconductor Group SBM51414A Datasheet HTML 2Page - Siemens Semiconductor Group SBM51414A Datasheet HTML 3Page - Siemens Semiconductor Group SBM51414A Datasheet HTML 4Page - Siemens Semiconductor Group SBM51414A Datasheet HTML 5Page - Siemens Semiconductor Group SBM51414A Datasheet HTML 6Page - Siemens Semiconductor Group SBM51414A Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SBM 51414X
Semiconductor Group
3
Characteristics (cont’d)
Parameter
Symbol
Values
Unit
Laser Diode (cont’d)
Temperature coefficient of wavelength
TCλ
< 0.5
nm / K
Monitor Diode
Dark current,
VR = 2 V, Φe = 0, TC = 85 °C
IR
200
nA
Photocurrent,
VR = 2 V, Φe = 0.5 mW
IP
200
1200
µA
Capacitance,
VR = 2 V, f = 1 MHz
C2
< 10
pF
Tracking error,
VR = 2 V (see note 1)
TE
− 1 1
dB
Detector
Dark current,
VR = 2 V, Φe = 0, TC = 85 °C
IR
< 50
nA
Spectral sensitivity,
VR = 2 V, λ = 1550 nm
Sλ
> 0.65
A / W
Capacitance,
VR = 2 V, f = 1 MHz
C2
< 1.5
pF
Rise and fall time,
VR = 2 V, 10 % - 90 %
tr, tf
< 1
ns
Module
Optical crosstalk (see note 2)
CRT
<
− 47
dB
Note 1:
The tracking error
TE is the variation rate of
Φe at constant current Imon over a
specified temperature range and relative to the reference point:
Imon,ref = Imon
(
T = 25 °C,
Φe = 0.5 mW). Thus, TE is given by:
[[]]
[[]]
[[]]
[[]]
TE
T
dB
log
C
C
eC
e
e
==
−−
××
°°
°°
10
25
25
ΦΦ
Φ
Note 2:
Optical Crosstalk is defined as
CRT = 10
× log (IDet,0/IDet,1) with: IDet,0 the photo-
current with
Φe = 0.5 mW CW laser operation, VR = 2 V, with minimum optical
return loss from fiber end and
IDet,1 the photocurrent without Φe, but 0.5 mW
optical input power,
λ = 1550 nm.


Similar Part No. - SBM51414A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBM51414G INFINEON-SBM51414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBM51414N INFINEON-SBM51414N Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBM51414Z INFINEON-SBM51414Z Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results

Similar Description - SBM51414A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com