Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240128-06-GR-F-ST-ELED-GY Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 240128-06-GR-F-ST-ELED-GY
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-GR-F-ST-ELED-GY Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 240128-06-GR-F-ST-ELED-GY Datasheet HTML 7Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 8Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 9Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 10Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 11Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 12Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 13Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 14Page - List of Unclassifed Manufacturers 240128-06-GR-F-ST-ELED-GY Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
11
2.4 LED Backlight Characteristics
■ Yellow-Green LED Operating Characteristics (5V - Array Lit)
Standard
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
Ta= 25 °C
3.9
4.1
4.4
VDC
Forward Current
IF
Ta= 25 °C
---
1100
1700
mA
Reverse Current
IR
VR = 8V
Yel/Grn
---
---
11
mA
Peak Emission
Wavelength
λP
If=1100mA
Yel/Grn
---
570
---
nm
Standard
Item
Conditions
Min.
Max.
Unit
Life
Ta= 25 °C
100,000
---
hrs
■ Yellow-Green LED Operating Characteristics (12V - Array Lit)
Standard
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
Ta= 25 °C
10.0
10.5
11.0
VDC
Forward Current
IR
Ta= 25 °C
---
440
700
mA
Reverse Current
IR
VR = 8V
Yel/Grn
---
---
6
mA
Peak Emission
Wavelength
λP
If=440mA
Yel/Grn
---
570
---
nm
Standard
Item
Conditions
Min.
Max.
Unit
Life
Ta= 25 °C
100,000
---
hrs
■ Yellow-Green LED Operating Characteristics (Edge Lit)
Standard
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
Ta= 25 °C
3.9
4.1
4.4
VDC
Forward Current
IF
Ta= 25 °C
---
260
440
mA
Reverse Current
IR
VR = 8V
Yel/Grn
---
---
11
mA
Standard
Item
Conditions
Min.
Max.
Unit
Life
Ta= 25 °C
100,000
---
hrs


Similar Part No. - 240128-06-GR-F-ST-ELED-GY

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24012 ARIES-24012 Datasheet
1Mb / 2P
   High-Frequency Center Probe Test Socket for Devices up to 55mm Square
More results

Similar Description - 240128-06-GR-F-ST-ELED-GY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
   128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
logo
Vishay Siliconix
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128B VISHAY-LCD-240H128B Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com