Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF735 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF735
Description  Isolation 7.5 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF735 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF735 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF735 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 110 -
MBRF735 THRU MBRF7100
Isolation 7.5 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 100 Volts
Current
7.5 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: ITO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
ITO-220AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRF
735
MBRF
745
MBRF
750
MBRF
760
MBRF
790
MBRF
7100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
7.5
A
Peak Repetitive Forward Current (Square Wave, 20KHz) at
Tc=105
oC
IFRM
15.0
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=7.5A,Tc=25
IF=7.5A,Tc=125
IF=15A,Tc=25
IF=15A,Tc=125
VF
0.57
0.84
0.72
0.75
0.65
--
0.92
0.82
--
V
Maximum Instantaneous Reverse Current @ Tc =25
at Rated DC Blocking Voltage (Note 1)
@ Tc=125
IR
0.1
15.0
0.5
1,000
0.1
-
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Maximum Thermal Resistance, (Note 3)
R
θJC
7.0
℃/W
Typical Junction Capacitance
Cj
350
280
200
pF
Operating Junction Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +175
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25in Al-plate.
.071(1.8)
MAX
.161(4.1)
.146(3.7)
.118(3.00)
.124(3.16)
.185(4.7)
.173(4.4)
.272(6.9)
.248(6.3)
.063(1.6)
MAX
.100(2.55)
.543(13.8)
.512(13.2)
.100(2.55)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.406(10.3)
.390(9.90)
.134(3.4)DIA
.113(3.0)DIA
2
PIN 1
PIN 2
Case Positive


Similar Part No. - MBRF735

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF735 VISHAY-MBRF735 Datasheet
64Kb / 3P
   Schottky Barrier Rectifier
03-Mar-03
logo
General Semiconductor
MBRF735 GE-MBRF735 Datasheet
117Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF735 TSC-MBRF735 Datasheet
192Kb / 2P
   Isolated 7.5 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF735 VISHAY-MBRF735 Datasheet
493Kb / 5P
   Schottky Barrier Rectifier
Revision: 08-Nov-07
logo
Taiwan Semiconductor Co...
MBRF735 TSC-MBRF735 Datasheet
666Kb / 2P
   Isolated 7.5 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF735

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_11 Datasheet
248Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SR735 JGD-SR735 Datasheet
154Kb / 2P
   7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_1 Datasheet
266Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_10 Datasheet
656Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735 Datasheet
60Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_13 Datasheet
256Kb / 3P
   7.5 AMPS. Isolated Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_10 Datasheet
666Kb / 2P
   Isolated 7.5 AMPS. Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_1 Datasheet
192Kb / 2P
   Isolated 7.5 AMPS. Schottky Barrier Rectifiers
MBRF830CT TSC-MBRF830CT Datasheet
109Kb / 2P
   Isolation 8.0 AMPS. Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635 Datasheet
66Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com