Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA104-73 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # AA104-73
Description  GaAs IC 1-Bit Digital Attenuator, 32 dB 300 kHz-2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA104-73 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  AA104-73 Datasheet HTML 1Page - Skyworks Solutions Inc. AA104-73 Datasheet HTML 2Page - Skyworks Solutions Inc. AA104-73 Datasheet HTML 3Page - Skyworks Solutions Inc. AA104-73 Datasheet HTML 4Page - Skyworks Solutions Inc. AA104-73 Datasheet HTML 5Page - Skyworks Solutions Inc. AA104-73 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
November 15, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200200 Rev. A
PRELIMINARY DATA SHEET • AA104-73, AA104-73LF
6
Copyright © 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided
by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and
Conditions of Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks, the Skyworks symbol, and “Breakthrough Simplicity” are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and
names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are
incorporated by reference.


Similar Part No. - AA104-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA104-73 ALPHA-AA104-73 Datasheet
67Kb / 4P
   GaAs IC 1 Bit Digital Attenuator 32 dB 2.5 GHz
More results

Similar Description - AA104-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA104-73 ALPHA-AA104-73 Datasheet
67Kb / 4P
   GaAs IC 1 Bit Digital Attenuator 32 dB 2.5 GHz
logo
Skyworks Solutions Inc.
AA210-25 SKYWORKS-AA210-25 Datasheet
137Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AT001D6-25 SKYWORKS-AT001D6-25 Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
AA260-85 SKYWORKS-AA260-85 Datasheet
368Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
AA226-87 SKYWORKS-AA226-87 Datasheet
536Kb / 7P
   GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
   GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com