Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA113-310LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AA113-310LF
Description  GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA113-310LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AA113-310LF Datasheet HTML 1Page - Skyworks Solutions Inc. AA113-310LF Datasheet HTML 2Page - Skyworks Solutions Inc. AA113-310LF Datasheet HTML 3Page - Skyworks Solutions Inc. AA113-310LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
June 8, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200207 Rev. B
DATA SHEET • AA113-310, AA113-310LF
2
Typical Performance Data (VCC = 5 V)
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Insertion Loss vs. Frequency
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
0
Frequency (GHz)
Input VSWR vs. Frequency
0.5
1.0
1.5
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Ref. Coeff
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency
-0.5
0
0.5
1.0
1.5
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
0
0.5
1.0
1.5
2.0
Frequency (GHz)
Output VSWR vs. Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Ins. Loss
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching characteristics
Rise, fall
10/90% or 90/10% RF
30
ns
On, off
50% CTL to 90/10% RF
50
ns
Video feedthru
TRISE = 1 ns, BW = 500 MHz
50
mV
Input power for 1 dB compression
VCC = 5 V
0.5–1 GHz
29
dBm
0.05 GHz
22
dBm
Intermodulation intercept point (IP3)
For two-tone input power 5 dBm
0.5–1 GHz
48
dBm
VCC = 5 V
0.05 GHz
36
dBm
Thermal resistance
85
°C/W
Supply voltage
VCC = 2.7 to 5 V @ 700 µA typ.
Control voltages(1)
CTL05, CTL1, CTL2, CTL4, CTL8, CTL16, low = 0 to 0.8 V @ 20 µA typ.
CTL05, CTL2, CTL4, CTL8, CTL16, high = 2.7 to 5 V @ 20 µA typ.
Operating Characteristics at 25 °C (0, 5 V)
1. Control voltage must not exceed VCC.


Similar Part No. - AA113-310LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA113-310 ALPHA-AA113-310 Datasheet
397Kb / 3P
   GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
More results

Similar Description - AA113-310LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA113-310 ALPHA-AA113-310 Datasheet
397Kb / 3P
   GaAs IC 6 Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control DC-1 GHz
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85_07 Datasheet
779Kb / 7P
   GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control LF-2 GHz
logo
Alpha Industries
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com