Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF3050CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF3050CT
Description  Isolated 30.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF3050CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF3050CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF3050CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MBRF3035CT THRU MBRF30150CT)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
10
100
200
175
150
125
100
75
50
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0 1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
0.1
0.01
1
10
50
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
MBRF3035CT-MBRF3045CT
MBRF3050CT-MBRF30150CT
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBRF3035CT-MBRF3045CT
MBRF3050CT & MBRF3060CT
MBRF3090CT-MBRF30150CT
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
6
12
18
24
30
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
Version: B07
Tj=25 C
0
MBRF3035CT
-MBRF3045CT
MBRF30150CT
MBRF3090CT
-MBRF30100CT


Similar Part No. - MBRF3050CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF3050CT TSC-MBRF3050CT Datasheet
180Kb / 2P
   30.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF3050CT LUGUANG-MBRF3050CT Datasheet
265Kb / 2P
   Schottky Barrier Rectifiers
logo
Tiger Electronic Co.,Lt...
MBRF3050CT TGS-MBRF3050CT Datasheet
449Kb / 2P
   TO-220F Plastic-Encapsulate Diodes
logo
Taiwan Semiconductor Co...
MBRF3050CT TSC-MBRF3050CT Datasheet
231Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Microdiode Electronics ...
MBRF3050CT CHENDA-MBRF3050CT Datasheet
588Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF3050CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF3035CT TSC-MBRF3035CT_11 Datasheet
180Kb / 2P
   30.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF3035CT TSC-MBRF3035CT_13 Datasheet
259Kb / 3P
   30.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF30L120CT TSC-MBRF30L120CT Datasheet
574Kb / 2P
   Isolated 30.0 AMPS. Low VF Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT Datasheet
98Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_1 Datasheet
357Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT Datasheet
101Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT Datasheet
111Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3090CT KERSEMI-MBR3090CT Datasheet
818Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT_10 Datasheet
618Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com