Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS1550CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1550CT
Description  15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1550CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS1550CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1550CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MBRS1535CT THRU MBRS15150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
5
10
15
20
25
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
1
10
100
50
150
200
0
100
250
300
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0
1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
01.2
0.1
0.01
1
10
40
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
Tj=125 C
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
MBRS1535CT-MBRS1545CT
MBRS1550CT-MBRS15150CT
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.6- TYPICAL TRANSIENT THERMAL
PER LEG
CHARACTERISTICS
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
40
100
1,000
4,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBRS1535CT-MBRS1545CT
MBRS1550CT-MBRS1560CT
MBRS1590CT-MBRS15150CT
MBRS1535CT-MBRS1545CT
MBRS1550CT-MBRS1560CT
MBRS1590CT-MBRS15150CT
10
Version: C07


Similar Part No. - MBRS1550CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1550CT TSC-MBRS1550CT Datasheet
74Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1550CT TSC-MBRS1550CT Datasheet
157Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1550CT TSC-MBRS1550CT Datasheet
291Kb / 2P
   15.0 Ampere Surface Mount Schottky Barrier Rectiflers for PV Application
MBRS1550CT TSC-MBRS1550CT Datasheet
223Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
MBRS1550CT HORNBY-MBRS1550CT Datasheet
362Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRS1550CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1535CT TSC-MBRS1535CT_11 Datasheet
157Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT_13 Datasheet
268Kb / 4P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT Datasheet
245Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT Datasheet
74Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1560CT TSC-MBR1560CT Datasheet
174Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR1590CT KERSEMI-MBR1590CT Datasheet
967Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR1535CT TSC-MBR1535CT_1 Datasheet
99Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_11 Datasheet
202Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_10 Datasheet
483Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com