Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS16150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS16150
Description  16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS16150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS16150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS16150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 62 -
Version: B07
MBRS1635 - MBRS16150
16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
D2PAK
Features
Plastic material used carries Underwriters
Laboratory Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection
applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC D
2
PAK molded plastic body
Terminals: Pure tin plated, lead free. solderable
per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRS
1635
MBRS
1645
MBRS
1650
MBRS
1660
MBRS
1690
MBRS
16100
MBRS
16150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at Tc=125
OC
I(AV)
16
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=125
oC
IFRM
32.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at: (Note 2)
IF=16A, TC=25
oC
IF=16A, TC=125
oC
VF
0.63
0.57
0.75
0.65
0.85
0.82
0.95
0.92
V
Maximum Instantaneous Reverse Current
@ Tc =25
oC at Rated DC Blocking Voltage (Note 2)
@ Tc=125
oC
IR
0.5
15
0.5
10
0.3
7.5
0.1
5.0
mA
mA
M
aximum Typical Thermal Resistance(Note 3)
RθJC
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg


Similar Part No. - MBRS16150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS16150 TSC-MBRS16150 Datasheet
164Kb / 2P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS16150 TSC-MBRS16150 Datasheet
264Kb / 4P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS16150 TSC-MBRS16150 Datasheet
220Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MBRS16150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1620 TSC-SRS1620_1 Datasheet
161Kb / 2P
   16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_1 Datasheet
218Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com