Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3552DV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3552DV_05 Datasheet HTML 1Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 2Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 3Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 4Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 5Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 6Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 7Page - Vishay Siliconix SI3552DV_05 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si3552DV
Vishay Siliconix
www.vishay.com
4
Document Number: 70971
S-31725—Rev. B, 18-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
NCHANNEL
0.01
0
1
6
8
2
4
10
30
0.1
Single Pulse Power (Junction-to-Ambient)
Time (sec)
-0.8
-0.6
-0.4
-0.2
-0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
1.0
1.2
0.00
0.08
0.16
0.24
0.32
0.40
0
2468
10
0.1
1
10
ID = 2.5 A
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Threshold Voltage
TJ - Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-3
10-2
1
10
600
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
ID = 2 A


Similar Part No. - SI3552DV_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3552DV VISHAY-SI3552DV_09 Datasheet
203Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 12-Oct-09
More results

Similar Description - SI3552DV_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com