Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65PWB31 Datasheet(PDF) 8 Page - NEC

Part # 65PWB31
Description  DOD-PD-0734 (2nd edition)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

65PWB31 Datasheet(HTML) 8 Page - NEC

Back Button 65PWB31 Datasheet HTML 2Page - NEC 65PWB31 Datasheet HTML 3Page - NEC 65PWB31 Datasheet HTML 4Page - NEC 65PWB31 Datasheet HTML 5Page - NEC 65PWB31 Datasheet HTML 6Page - NEC 65PWB31 Datasheet HTML 7Page - NEC 65PWB31 Datasheet HTML 8Page - NEC 65PWB31 Datasheet HTML 9Page - NEC 65PWB31 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
65PWB31
DATA SHEET DOD-PD-0734 (2nd edition)
8
4. PRECAUTIONS
4.1 MEANING OF CAUTION SIGNS
The following caution signs have very important meaning. Be sure to read "4.2 CAUTIONS" and
"4.3 ATTENTIONS", after understanding these contents!
!
This sign has the meaning that customer will be injured by himself or the product will
sustain a damage, if customer has wrong operations.
This sign has the meaning that customer will get an electrical shock, if customer has
wrong operations.
This sign has the meaning that customer will be injured by himself, if customer has wrong
operations.
4.2 CAUTIONS
∗ Do not touch the inverter while the inverter is working, because there is a danger
that customer will get an electric shock.
∗ Do not remove the inverter protection sheet, because there is a danger that
customer will get an electrical shock.
∗ Be sure to wait some time after turning power OFF before starting replacement
work, because the inverter is charged at a high voltage after working.
∗ Be sure to wait some time after turning power OFF before starting replacement
work, because the inverter is hot after working.
∗ Do not shock the inverter, because there is a danger of breaking.
4.3 ATTENTIONS
4.3.1 Handling of the product
① Take hold of both ends without touch the mounting parts when customer pulls out products from
packing box. If customer touches it, products may be broken down or out of adjustment, because of
stress to mounting parts.
② Take the measures of electrostatic discharge such as earth band, ionic shower and so on, when
customer deals with the product, because products may be damaged by electrostatic.
③ Do not push-pull the interface connectors while the product is working, because wrong power
sequence may break down the product.
④ Do not hook cables nor pull connection cables such as lamp cable and so on, for fear of damage.
⑤ Properly connect the adaptable plug (backlight side) to socket (inverter side) without incomplete
connection. After connecting, be careful not to hook the lamp cables because incomplete connection
may occur by hooking the lamp cables. This incomplete connection may cause abnormal operation of
high voltage circuit.
!


Similar Part No. - 65PWB31

ManufacturerPart #DatasheetDescription
logo
International Rectifier
65PQ015 IRF-65PQ015 Datasheet
152Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
65PQ015 VISHAY-65PQ015 Datasheet
117Kb / 6P
   Schottky Rectifier, 65 A
Revision: 12-Sep-08
65PQ015-N3 VISHAY-65PQ015-N3 Datasheet
584Kb / 7P
   Schottky Rectifier, 65 A
Revision: 11-Oct-11
65PQ015PBF VISHAY-65PQ015PBF Datasheet
120Kb / 6P
   Schottky Rectifier, 65 A
Revision: 12-Sep-08
65PQ015PBF VISHAY-65PQ015PBF Datasheet
584Kb / 7P
   Schottky Rectifier, 65 A
Revision: 11-Oct-11
More results

Similar Description - 65PWB31

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
   Approved to EN60950-1 2nd Edition
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
NXP Semiconductors
BLP7G22-10 NXP-BLP7G22-10 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
SparkFun Electronics
BOK-11170 SPARKFUN-BOK-11170 Datasheet
114Kb / 2P
   Arduino Cookbook - Second Edition
6??1??7
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
Switchcraft, Inc.
Z15J SWITCH-Z15J Datasheet
9Mb / 101P
   Pro Audio & Broadcast Catalog Sixth Edition
K460 SWITCH-K460 Datasheet
9Mb / 101P
   Pro Audio & Broadcast Catalog Sixth Edition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com